Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 181 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 181 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 177Page - Texas Instruments AM3871 Datasheet HTML 178Page - Texas Instruments AM3871 Datasheet HTML 179Page - Texas Instruments AM3871 Datasheet HTML 180Page - Texas Instruments AM3871 Datasheet HTML 181Page - Texas Instruments AM3871 Datasheet HTML 182Page - Texas Instruments AM3871 Datasheet HTML 183Page - Texas Instruments AM3871 Datasheet HTML 184Page - Texas Instruments AM3871 Datasheet HTML 185Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 345 page
background image
RESET STATE
DEV_CLKIN/
AUX_CLKIN
(A)
POR
RESET
BTMODE[15:0]
Other I/O Pins
(C)
Power
Supplies
Ramping
Power Supplies Stable
Clock Source Stable
2
3
5
Config
5
Hi-Z
7
RSTOUT_WD_OUT
9
BTMODE[11]
(B)
1
Hi-Z
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Figure 7-4 shows the Power-Up Timing. Figure 7-5 shows the Warm Reset (RESET) Timing. Max Reset
Timing is identical to Warm Reset Timing, except the BTMODE[15:0] pins are not re-latched.
A.
Power supplies and DEV_CLKIN/AUX_CLKIN must be stable before the start of tw(RESET).
B.
RSTOUT_WD_OUT only asserted if BTMODE[11] was latched as a
"0" when coming out of reset.
C.
For more detailed information on the RESET STATE of each pin, see Section 7.3.17, Pin Behaviors at Reset. Also
see Section 3.2, Terminal Functions for the IPU/IPD settings during reset.
Figure 7-4. Power-Up Timing
Copyright
© 2011, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
181
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com