Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 177 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 177 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 173Page - Texas Instruments AM3871 Datasheet HTML 174Page - Texas Instruments AM3871 Datasheet HTML 175Page - Texas Instruments AM3871 Datasheet HTML 176Page - Texas Instruments AM3871 Datasheet HTML 177Page - Texas Instruments AM3871 Datasheet HTML 178Page - Texas Instruments AM3871 Datasheet HTML 179Page - Texas Instruments AM3871 Datasheet HTML 180Page - Texas Instruments AM3871 Datasheet HTML 181Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Software initiates a Software Global Cold Reset by writing a "1" to the RST_GLOBAL_COLD_SW bit in
the PRM_RSTCTRL register in the PRCM.
For more detailed information on the PRM_RSTCTRL register, see the PRCM Registers section of the
Power, Reset, and Clock Management (PRCM) Module chapter of the AM387x Sitara ARM
Microprocessors (MPUs) Technical Reference Manual (Literature Number: SPRUGZ7).
7.3.7
Software Global Warm Reset
A Software Global Warm Reset is initiated under software control. It has the same effect and requirements
as a External Warm Reset (RESET pin), with the following exceptions:
•
BTMODE[15:0] pins are not re-latched
•
RSTOUT_WD_OUT is not 3-stated and is actively driven based on the value previously latched on the
BTMODE[11] pin.
Software initiates a Software Global Warm Reset by writing a "1" to the RST_GLOBAL_WARM_SW bit in
the PRM_RSTCTRL register in the PRCM.
For more detailed information on the PRM_RSTCTRL register, see the PRCM Registers section of the
Power, Reset, and Clock Management (PRCM) Module chapter of the AM387x Sitara ARM
Microprocessors (MPUs) Technical Reference Manual (Literature Number: SPRUGZ7).
7.3.8
Test Reset (TRST pin)
A Test Reset is activated by the emulator asserting the TRST pin. The only effect a Test Reset has is to
reset the Test and Emulation Logic.
7.3.9
Local Reset
The Local Reset for various Modules within the device is controlled by programming the PRCM and/or the
Peripheral Module
’s internal registers. Only the associated Module is reset when a Local Reset is
asserted, leaving the rest of the device unaffected.
For more details on Peripheral Local Resets, see the Reset Management section of the Power, Reset,
and Clock Management (PRCM) Module chapter of the AM387x Sitara ARM Microprocessors (MPUs)
Technical Reference Manual (Literature Number: SPRUGZ7).
7.3.10 Reset Priority
If any of the above reset sources occur simultaneously, the device only processes the highest-priority
reset request. The reset request priorities, from high-to-low, are as follows:
1. Power-on Reset (POR)
2. Test Reset (TRST)
3. External Warm Reset (RESET pin)
4. Emulation Warm Resets
5. Watchdog Reset
6. Software Global Cold/Warm Resets
7.3.11 Reset Status Register
The Reset Status Register (PRM_RSTST) contains information about the last reset that occurred in the
system. For more information on this register, see the TBD chapter of the AM387x Sitara ARM
Microprocessors (MPUs) Technical Reference Manual (Literature Number: SPRUGZ7).
7.3.12 PCIE Reset Isolation
The device supports reset isolation for the PCI Express (PCIE) module. This means that the PCI Express
Subsystem can be reset without resetting the rest of the device.
Copyright
© 2011, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
177
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com