Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 178 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 178 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 174Page - Texas Instruments AM3871 Datasheet HTML 175Page - Texas Instruments AM3871 Datasheet HTML 176Page - Texas Instruments AM3871 Datasheet HTML 177Page - Texas Instruments AM3871 Datasheet HTML 178Page - Texas Instruments AM3871 Datasheet HTML 179Page - Texas Instruments AM3871 Datasheet HTML 180Page - Texas Instruments AM3871 Datasheet HTML 181Page - Texas Instruments AM3871 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
When the devcie is a PCI Express Root Complex (RC), the PCIE Subsystem can be reset by software
through the PRCM. Software should ensure that there are no ongoing PCIE transactions before asserting
this reset by first taking the PCIE Subsystem into the IDLE state. After bringing the PCIE Subsystem out
of reset, bus enumeration should be performed again and should treat all Endpoints (EP) as if they had
just been connected.
When the device is a PCI Express Endpoint (EP), the PCIE Subsystem will generate an interrupt when an
in-band reset is received. Software should process this interrupt by putting the PCIE Subsystem in the
IDLE state and then asserting the PCIE local reset through the PRCM.
All device level resets mentioned in the previous sections, except Test Reset, will also reset the PCIE
Subsystem. Therefore, the PCIE peripheral should issue a Hot Reset to all downstream devices and
re-enumerate the bus upon coming out of reset.
For more detailed information on reset isolation procedures, see the PCIe Reset Isolation section of the
Power, Reset, and Clock Management (PRCM) Module chapter of the AM387x Sitara ARM
Microprocessors (MPUs) Technical Reference Manual (Literature Number: SPRUGZ7).
7.3.13 EMAC Switch Reset Isolation
The device supports reset isolation for the Ethernet Switch (EMAC Switch). This allows the device to
undergo all resets listed in Section 7.3.1, System-Level Reset Sources, with the exception of POR Reset,
without disrupting the Ethernet Switch or the traffic being routed through the switch during the reset
condition. The following reset types can optionally provide an EMAC Switch reset isolation by setting the
ISO_CONTROL bit in the RESET_ISO Control Module register to a "1":
•
External Warm Reset
•
Emulation Warm Reset
•
Watchdog Reset
•
Software Global Cold Reset
•
Software Global Warm Reset
When one of above resets occurs and the Ethernet Switch (EMAC Switch) is programmed to be isolated:
•
The switch function of the EMAC Switch and the PLL embedded in the SATA SERDES Module (which
provides the reference clocks to the EMAC Switch) will not be reset.
•
Several Control Module registers are not reset. For more details, see the description of the
RESET_ISO register in the TBD chapter of the AM387x Sitara ARM Microprocessors (MPUs)
Technical Reference Manual (Literature Number: SPRUGZ7).
•
The pin multiplexing of some of the EMAC Switch pins is unaffected. For more details, see the
description of the RESET_ISO register in the TBD chapter of the AM387x Sitara ARM Microprocessors
(MPUs) Technical Reference Manual (Literature Number: SPRUGZ7).
The EMAC Switch is always reset when:
•
One of the above resets occurs and the Ethernet Switch is programmed to be
“not isolated”
•
A POR Reset occurs
7.3.14 RSTOUT_WD_OUT Pin
The RSTOUT_WD_OUT pin reflects device reset status and is de-asserted (high) when the device is out
reset. This output will always be asserted when a Watchdog Timer reset (Watchdog Reset) occurs. In
addition, this output is always 3-stated and the internal pull resistor is disabled on this pin while POR
and/or RESET is asserted; therefore, an external pullup/pulldown can be used to set the state of this pin
(high/low) while POR and/or RESET is asserted. For more detailed information on external PUs/PDs, see
Section 4.5.1, Pullup/Pulldown Resistors.
If the BTMODE[11] pin is latched as a "0" at the rising edge of POR or RESET, then RSTOUT_WD_OUT
is also asserted when any of the below resets occur:
178
Power, Reset, Clocking, and Interrupts
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com