Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 174 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 174 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 170Page - Texas Instruments AM3871 Datasheet HTML 171Page - Texas Instruments AM3871 Datasheet HTML 172Page - Texas Instruments AM3871 Datasheet HTML 173Page - Texas Instruments AM3871 Datasheet HTML 174Page - Texas Instruments AM3871 Datasheet HTML 175Page - Texas Instruments AM3871 Datasheet HTML 176Page - Texas Instruments AM3871 Datasheet HTML 177Page - Texas Instruments AM3871 Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 345 page
background image
7
1.5 V (DVDD_DDR[x])
CVDD, CVDD_x
3.3 V Supplies
(DVDD, DVDD_x,
DVDD_C, VDDA_x_3P3)
1.8 V Supplies
(DVDD, DVDD_x, DVDD_M,
DVDD_DDR[x], VDDA_x_1P8, VDDA_1P8)
6
5
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
Figure 7-3. Power-Down Sequence
7.2.9
Power-Supply Decoupling
7.2.9.1
Analog and PLL
PLL and Analog supplies benefit from filters or ferrite beads to keep the noise from causing problems. The
minimum recommendation is a ferrite bead along with at least one capacitor on the device side of the
bead. An additional recommendation is to add one capacitor just before the bead to form a Pi filter. The
filter needs to be as close as possible to the device pin, with the device side capacitor being the most
important component to be close to the device pin. PLL pins close together can be combined on the same
supply, but analog pins should all have their own filters. PLL pins farther away from each other may need
their own filtered supply.
7.2.9.2
Digital
Recommended capacitors for power supply decoupling are all 0.1uF in the smallest body size that can be
used. Capacitors are more effective in the smallest physical size to limit lead inductance. For example,
0201 sized capacitors are better than 0402 sized capacitors, and so on. TI recommends using capacitors
no larger than 0402. Place at least one capacitor for every two power pins. For those power pins that have
only one pin, a capacitor is still required. Place one bulk (10 uF or larger) capacitor for every 10 or so
power pins as closely as possible to the chip. These larger caps do not need to be under the chip
footprint.
Pay special attention not to put so much capacitance on the supply that it slows the start-up voltage ramp
enough to change the power sequencing order. Also be sure to verify that the main chip reset is low until
after all supplies are at their correct voltage and stable.
DDR peripheral related supply capacitor numbers are provided in Section 8.13, LPDDR/DDR2/DDR3
Memory Controller.
174
Power, Reset, Clocking, and Interrupts
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com