Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 172 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 172 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 168Page - Texas Instruments AM3871 Datasheet HTML 169Page - Texas Instruments AM3871 Datasheet HTML 170Page - Texas Instruments AM3871 Datasheet HTML 171Page - Texas Instruments AM3871 Datasheet HTML 172Page - Texas Instruments AM3871 Datasheet HTML 173Page - Texas Instruments AM3871 Datasheet HTML 174Page - Texas Instruments AM3871 Datasheet HTML 175Page - Texas Instruments AM3871 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
7.2.7
Standby and Deep Sleep Modes
The device supports Low-Power Standby and Deep-Sleep Modes as described below.
Standby Mode is defined as a state in which:
•
All switchable power domains are in "OFF" state
•
The ARM Cortex-A8 is executing an IDLE loop at its lowest frequency of operation
•
All functional blocks not needed for a given application are clock gated
Deep Sleep Mode is defined to be the same as Standby Mode, with the addition of gating the crystal
oscillator to further eliminate all active power. The device core voltages can be reduced to 0.83 V for
optimal power savings.
For detailed instructions on entering and exiting from Standby and Deep Sleep Modes, see the Power,
Reset, and Clock Management (PRCM) Module chapter of the AM387x Sitara ARM Microprocessors
(MPUs) Technical Reference Manual (Literature Number: SPRUGZ7).
7.2.8
Supply Sequencing
The device power supplies are organized into four Supply Sequencing Groups:
1. All CVDD supplies (CVDD, CVDD_x)
2. All 1.5-V Supplies (DVDD_DDR[x] at 1.5 V [only needed if using DDR3])
3. All 1.8-V Supplies (DVDD_x, DVDD_M, DVDD_DDR[x] at 1.8 V [if using LPDDR, DDR2],
VDDA_x_1P8, VDDA_1P8)
4. All 3.3-V Supplies (DVDD, DVDD_x, DVDD_C, VDDA_x_3P3)
To ensure proper device operation, a specific power-up and power-down sequence must be followed.
Some TI power-supply devices include features that facilitate these power sequencing requirements
— for
example, TI
’s TPS659113 integrated PMIC. For more information on TI power supplies and their features,
visit www.ti.com/processorpower.
For more detailed information on the actual power supply names and their descriptions, see Table 3-49,
Supply Voltages Terminal Functions.
7.2.8.1
Power-Up Sequence
For proper device operation, the following power-up sequence in Table 7-6 and Figure 7-1 must be
followed.
Table 7-6. Power-Up Sequence Ramping Values
NO.
DESCRIPTION
MIN
MAX
UNIT
1
1.8 V supplies to 3.3 V supplies
(1)
ms
2
1.8 V supplies to 1.5 V (DVDD_DDR[x]) supplies
0(2)
ms
3
1.8 V supplies stable to CVDD, CVDD_x supplies ramp start
0(2)
ms
Master
4
All supplies valid to power-on-reset (POR high)
4 096
Clocks
(1)
The 3.3 V supplies must never be more than 2 V above the 1.8 V supplies (see Figure 7-2).
(2)
The 1.8 V supplies must be
≥ 1.5 V (DVDD_DDR[x]) and CVDD, CVDD_x supplies.
172
Power, Reset, Clocking, and Interrupts
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com