Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 170 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 170 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 166Page - Texas Instruments AM3871 Datasheet HTML 167Page - Texas Instruments AM3871 Datasheet HTML 168Page - Texas Instruments AM3871 Datasheet HTML 169Page - Texas Instruments AM3871 Datasheet HTML 170Page - Texas Instruments AM3871 Datasheet HTML 171Page - Texas Instruments AM3871 Datasheet HTML 172Page - Texas Instruments AM3871 Datasheet HTML 173Page - Texas Instruments AM3871 Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
7.2.2.1
Dynamic Voltage Frequency Scaling (DVFS)
Each device Core Logic Voltage Domain can be run independently at one of several Operating
Performance Points (OPPs). An OPP for a specific Core Logic Voltage Domain is defined by: (1)
maximum frequencies of operation for Modules within the Domain and (2) an associated supply voltage
range. Trading off power versus performance, OPPs with lower maximum frequencies also have lower
voltage ranges for power savings.
The OPP for a domain can be changed in real-time without requiring a reset. This feature is called
Dynamic Voltage Frequency Scaling (DVFS). For detailed procedures on implementing DVFS, see the
DM814x SmartReflex Application Report (Literature Number: SPRTBD). Table 7-4 contains a list of
voltage ranges and maximum module frequencies for the OPPs of each Core Logic Voltage Domain.
Table 7-4. Device Operating Points (OPPs)
CORE LOGIC VOLTAGE DOMAINS
ARM
CORE
L3/L4,
Cortex A8
HDVPSS
SGX
ISS
Media Ctlr.
DDR
OPP
Core
(MHz)
(MHz)
(MHz)
(MHz)
(MHz)
(MHz)(1)
(MHz)
50%(2)
300
TBD
TBD
TBD
TBD
TBD
TBD
100%
600
200
200
400
200
200
400
120%
720
220
250
400
200
220
400
800
TBD
TBD
TBD
TBD
TBD
TBD
166%
1000
TBD
TBD
TBD
TBD
TBD
TBD
(1)
All DDR access must be suspended prior to changing the DDR frequency of operation.
(2)
OPP 50% does not support all CORE peripherals (e.g., EMAC GMII/RGMII, USB2.0, PCIe, SD-DAC, SATA, TBD are not supported).
Although the OPP for each Core Logic Voltage Domain is independently selectable, not all combinations
of OPPs are supported. marks the supported ARM OPPs for a given CORE OPP.
Table 7-5. Supported OPP Combinations(1)(2)
ARM
CORE
OPP166
OPP120
OPP100
OPP50
OPP166
TBD
TBD
OPP120
TBD
X
X
OPP100
X
X
X
OPP50
X
(1)
"X" denotes supported combinations.
(2)
The maximum voltage differences between CVDD and any other CVDD_x voltage domain must be
<
150 mV.
7.2.2.2
Adaptive Voltage Scaling
As mentioned in Section 7.2.2.1, Dynamic Voltage Frequency Scaling (DVFS) above, every OPP has an
associated voltage range. Based on the silicon process, temperature, and chosen OPP, the SmartReflex
modules guide software in adjusting the Core Logic Voltage Domain supply voltages within these ranges.
This technique is called Adaptive Voltage Scaling (AVS). AVS occurs continuously and in real-time,
helping to minimize power consumption in response to changing operating conditions. For detailed
procedures on implementing AVS, see the DM814x SmartReflex Application Report (Literature Number:
SPRTBD).
7.2.3
Memory Power Management
In order to reduce SRAM leakage, many SRAM blocks can be switched from ACTIVE mode to
SHUTDOWN mode. When SRAM is put in SHUTDOWN mode, the voltage supplied to it is automatically
removed and all data in that SRAM is lost.
170
Power, Reset, Clocking, and Interrupts
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com