Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 173 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 173 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 169Page - Texas Instruments AM3871 Datasheet HTML 170Page - Texas Instruments AM3871 Datasheet HTML 171Page - Texas Instruments AM3871 Datasheet HTML 172Page - Texas Instruments AM3871 Datasheet HTML 173Page - Texas Instruments AM3871 Datasheet HTML 174Page - Texas Instruments AM3871 Datasheet HTML 175Page - Texas Instruments AM3871 Datasheet HTML 176Page - Texas Instruments AM3871 Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 345 page
background image
POR
1.5 V (DVDD_DDR[x])
CVDD, CVDD_x
3.3 V Supplies
(DVDD, DVDD_x,
DVDD_C, VDDA_x_3P3)
1.8 V Supplies
(DVDD, DVDD_x, DVDD_M,
DVDD_DDR[x], VDDA_x_1P8, VDDA_1P8)
1
2
4
3
3.3 V Supplies
1.8 V Supplies
V Delta (A)
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Figure 7-1. Power-Up Sequence
A.
V Delta Max = 2 V.
Figure 7-2. 3.3 V Supplies Rising Before 1.8 V Supplies Delta
7.2.8.2
Power-Down Sequence
For proper device operation, the following power-down sequence in Table 7-7 and Figure 7-3 must be
followed.
Table 7-7. Power-Down Sequence Ramping Values
NO.
DESCRIPTION
MIN
MAX
UNIT
5
CVDD, CVDD_x supplies to 1.8 V supplies
(1)
(1)
ms
6
1.5 V (DVDD_DDR[x]) supplies to 1.8 V supplies
(1)
(1)
ms
7
3.3 V supplies to 1.8 V supplies
(2)
(2)
ms
(1)
The 1.8 V supplies must be
≥ 1.5 V (DVDD_DDR[x]) and CVDD, CVDD_x supplies.
(2)
The 3.3 V supplies must never be more than 2 V above the 1.8 V supplies (see Figure 7-2).
Copyright
© 2011, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
173
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com