Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 171 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 171 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 167Page - Texas Instruments AM3871 Datasheet HTML 168Page - Texas Instruments AM3871 Datasheet HTML 169Page - Texas Instruments AM3871 Datasheet HTML 170Page - Texas Instruments AM3871 Datasheet HTML 171Page - Texas Instruments AM3871 Datasheet HTML 172Page - Texas Instruments AM3871 Datasheet HTML 173Page - Texas Instruments AM3871 Datasheet HTML 174Page - Texas Instruments AM3871 Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
All SRAM located in a switchable power domain (all domains except ALWAYS_ON) automatically enters
SHUTDOWN mode whenever its associated power domain goes into the "OFF" state. The SRAM returns
to the ACTIVE state when the corresponding Power Domain returns to the "ON" state.
In addition, the following SRAM within the ALWAYS_ON Power Domain can also be independently put
into SHUTDOWN by programming the x_MEM_PWRDN registers in the Control Module:
•
Media Controller SRAM
•
OCMC SRAM
For detailed instructions on powering up/down the various device SRAM, see the TBD chapter of the
AM387x Sitara ARM Microprocessors (MPUs) Technical Reference Manual (Literature Number:
SPRUGZ7).
7.2.4
SERDES_CLKP/N LDO
The SERDES_CLKP/N input buffers are powered by an internal LDO which is programmed through the
REFCLK_LJCBLDO_CTRL register in the Control Module.
For more information on programming the SERDES_CLKN/P LDO, see TBD chapter of the AM387x Sitara
ARM Microprocessors (MPUs) Technical Reference Manual (Literature Number: SPRUGZ7).
7.2.5
Dual Voltage I/Os
The device supports dual voltages on some of its I/Os. These I/Os are partitioned into the following
groups, and each group has its own dedicated supply pins: DVDD, DVDD_GPMC, DVDD_C, DVDD_SD,
and DVDD_M. The supply voltage for each group can be independently powered with either 1.8 V or
3.3 V.
For the mapping between pins and power groups, see Section 3.2, Terminal Functions of the datasheet.
In addition, the I/O voltage on each DDR interface is independently selectable between either 1.5 V or 1.8
V to support various DDR device types. The I/O supplies for each DDR interface are separate and isolated
to allow populating different memory types on each interface.
7.2.6
I/O Power-Down Modes
On the device, there are power-down modes available for the following PHYs:
•
Video DAC
•
DDR
•
USB
•
HDMI
•
PCIE
•
SATA
When a PHY controller is in a power domain that is to be turned "OFF", software must configure the
corresponding PHY into power-down mode, prior to putting the power domain in the "OFF" state.
Copyright
© 2011, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
171
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com