Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 176 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 176 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 172Page - Texas Instruments AM3871 Datasheet HTML 173Page - Texas Instruments AM3871 Datasheet HTML 174Page - Texas Instruments AM3871 Datasheet HTML 175Page - Texas Instruments AM3871 Datasheet HTML 176Page - Texas Instruments AM3871 Datasheet HTML 177Page - Texas Instruments AM3871 Datasheet HTML 178Page - Texas Instruments AM3871 Datasheet HTML 179Page - Texas Instruments AM3871 Datasheet HTML 180Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
7.3.3
External Warm Reset (RESET pin)
An external warm reset is activated by driving the RESET pin active-low. This resets everything in the
device, except for the Test and Emulation logic, and the EMAC Switch (optional). An emulator session
stays alive during warm reset.
The following sequence must be followed during a warm reset:
1. Power supplies and input clock sources should already be stable.
2. The RESET pin must be asserted (low)[see Section 7.3.18, Reset Electrical Data/Timing]. Within the
low period of the RESET pin, the following happens:
(a) All pins, except Test and Emulation pins, enter a Hi-Z mode and the associated pulls, if applicable,
will be enabled.
(b) The PRCM asserts reset to all modules within the device, except for the Test and Emulation logic,
EMAC Switch (optional), PLL, and Clock configuration.
3. The RESET pin may now be de-asserted (driven high). When the RESET pin is de-asserted (high):
(a) The BTMODE[15:0] pins are latched.
(b) Reset to the ARM Cortex-A8 and modules without a local processor is de-asserted, with the
exception of Test and Emulation logic, EMAC Switch (optional), PLL, and Clock configuration.
(c) RSTOUT_WD_OUT is asserted [see Section 7.3.18, Reset Electrical Data/Timing], if BTMODE[11]
was latched as "0".
(d) The clock, reset, and power-down state of each peripheral is determined by the default settings of
the PRCM.
(e) The ARM Cortex-A8 begins executing from the Boot ROM.
7.3.4
Emulation Warm Reset
An Emulation Warm Reset is activated by the on-chip Emulation Module. It has the same effect and
requirements as an External Warm Reset (RESET), with the following exceptions:
•
BTMODE[15:0] pins are not re-latched
•
RSTOUT_WD_OUT is not 3-stated and is actively driven based on the value previously latched on the
BTMODE[11] pin.
The emulator initiates an Emulation Warm Reset via the ICEPICK module. To invoke the Emulation Warm
Reset via the ICEPICK module, the user can perform the following from the Code Composer Studio
™ IDE
menu: Target -
> Reset -> System Reset.
7.3.5
Watchdog Reset
A Watchdog Reset is initiated when the Watchdog Timer counter reaches zero. It has the same effect and
requirements as an External Warm Reset (RESET pin), with the following exceptions:
•
BTMODE[15:0] pins are not re-latched
•
RSTOUT_WD_OUT is not 3-stated and is actively driven based on the value previously latched on the
BTMODE[11] pin.
In addition, a Watchdog Reset always results in RSTOUT_WD_OUT being asserted, regardless of
whether the BTMODE[11] pin was latched as "0" or "1".
7.3.6
Software Global Cold Reset
A Software Global Cold Reset is initiated under software control. It has the same effect and requirements
as a POR Reset, with the following exceptions:
•
BTMODE[15:0] pins are not re-latched and EMAC Switch (optional) is not reset
•
RSTOUT_WD_OUT is not 3-stated and is actively driven based on the value previously latched on the
BTMODE[11] pin.
176
Power, Reset, Clocking, and Interrupts
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com