Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 212 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 212 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 208Page - Texas Instruments AM3871 Datasheet HTML 209Page - Texas Instruments AM3871 Datasheet HTML 210Page - Texas Instruments AM3871 Datasheet HTML 211Page - Texas Instruments AM3871 Datasheet HTML 212Page - Texas Instruments AM3871 Datasheet HTML 213Page - Texas Instruments AM3871 Datasheet HTML 214Page - Texas Instruments AM3871 Datasheet HTML 215Page - Texas Instruments AM3871 Datasheet HTML 216Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
Table 8-12. Ethernet MAC Switch Registers (continued)
ARM/L3 MASTERS
EMAC HEX
ACRONYM
REGISTER NAME
ADDRESS RANGE
0x4A10 003C
CPDMA_TX_PRI_MAP
CPSW CPDMA TX (Port 0 Rx) Packet Priority to Header Priority Mapping
Register
0x4A10 0040
CPDMA_RX_CH_Map
CPSW CPDMA RX (Port 0 Tx) Switch Priority to DMA Channel Mapping
Register
0x4A10 0050
P1_MAX_BLKS
CPSW Port 1 Maximum FIFO Blocks Register
0x4A10 0054
P1_BLK_CNT
CPSW Port 1 FIFO Block Usage Count (Read Only)
0x4A10 0058
P1_TX_IN_CTL
CPSW Port 1 Transmit FIFO Control
0x4A10 005C
P1_PORT_VLAN
CPSW Port 1 VLAN Register
0x4A10 0060
P1_TX_PRI_MAP
CPSW Port 1 Tx Header Priority to Switch Priority Mapping Register
0x4A10 0064
P1_TS_CTL
CPSW_3GF Port 1 Time Sync Control Register
0x4A10 0068
P1_TS_SEQ_LTYPE
CPSW_3GF Port 1 Time Sync LTYPE (and SEQ_ID_OFFSET)
0x4A10 006C
P1_TS_VLAN
CPSW_3GF Port 1 Time Sync VLAN2 and VLAN2 Register
0x4A10 0070
SL1_SA_LO
CPSW CPGMAC_SL1 Source Address Low Register
0x4A10 0074
SL1_SA_HI
CPSW CPGMAC_SL1 Source Address High Register
0x4A10 0078
P1_SEND_PERCENT
CPSW Port 1 Transmit Queue Send Percentages
0x4A10 007C
– 0x4A10 008C
–
Reserved
0x4A10 0090
P2_MAX_BLKS
CPSW Port 2 Maximum FIFO Blocks Register
0x4A10 0094
P2_BLK_CNT
CPSW Port 2 FIFO Block Usage Count (Read Only)
0x4A10 0098
P2_TX_IN_CTL
CPSW Port 2 Transmit FIFO Control
0x4A10 009C
P2_PORT_VLAN
CPSW Port 2 VLAN Register
0x4A10 00A0
P2_TX_PRI_MAP
CPSW Port 2 Tx Header Priority to Switch Priority Mapping Register
0x4A10 00A4
P2_TS_CTL
CPSW_3GF Port 2 Time Sync Control Register
0x4A10 00A8
P2_TS_SEQ_LTYPE
CPSW_3GF Port 2 Time Sync LTYPE (and SEQ_ID_OFFSET)
0x4A10 00AC
P2_TS_VLAN
CPSW_3GF Port 2 Time Sync VLAN2 and VLAN2 Register
0x4A10 00B0
SL2_SA_LO
CPSW CPGMAC_SL2 Source Address Low Register
0x4A10 00B4
SL2_SA_HI
CPSW CPGMAC_SL2 Source Address High Register
0x4A10 00B8
P2_SEND_PERCENT
CPSW Port 2 Transmit Queue Send Percentages
0x4A10 00BC
– 0x4A10 00FC
–
Reserved
0x4A10 0100
TX_IDVER
CPDMA_REGS TX Identification and Version Register
0x4A10 0104
TX_CONTROL
CPDMA_REGS TX Control Register
0x4A10 0108
TX_TEARDOWN
CPDMA_REGS TX Teardown Register
0x4A10 010C
–
Reserved
0x4A10 0110
RX_IDVER
CPDMA_REGS RX Identification and Version Register
0x4A10 0114
RX_CONTROL
CPDMA_REGS RX Control Register
0x4A10 0118
RX_TEARDOWN
CPDMA_REGS RX Teardown Register
0x4A10 011C
SOFT_RESET
CPDMA_REGS Soft Reset Register
0x4A10 0120
DMACONTROL
CPDMA_REGS CPDMA Control Register
0x4A10 0124
DMASTATUS
CPDMA_REGS CPDMA Status Register
0x4A10 0128
RX_BUFFER_OFFSET
CPDMA_REGS Receive Buffer Offset
0x4A10 012C
EMCONTROL
CPDMA_REGS Emulation Control
0x4A10 0130
TX_PRI0_RATE
CPDMA_REGS Transmit (Ingress) Priority 0 Rate
0x4A10 0134
TX_PRI1_RATE
CPDMA_REGS Transmit (Ingress) Priority 1 Rate
0x4A10 0138
TX_PRI2_RATE
CPDMA_REGS Transmit (Ingress) Priority 2 Rate
0x4A10 013C
TX_PRI3_RATE
CPDMA_REGS Transmit (Ingress) Priority 3 Rate
0x4A10 0140
TX_PRI4_RATE
CPDMA_REGS Transmit (Ingress) Priority 4 Rate
0x4A10 0144
TX_PRI5_RATE
CPDMA_REGS Transmit (Ingress) Priority 5 Rate
212
Peripheral Information and Timings
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com