Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 216 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 216 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 212Page - Texas Instruments AM3871 Datasheet HTML 213Page - Texas Instruments AM3871 Datasheet HTML 214Page - Texas Instruments AM3871 Datasheet HTML 215Page - Texas Instruments AM3871 Datasheet HTML 216Page - Texas Instruments AM3871 Datasheet HTML 217Page - Texas Instruments AM3871 Datasheet HTML 218Page - Texas Instruments AM3871 Datasheet HTML 219Page - Texas Instruments AM3871 Datasheet HTML 220Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
Table 8-12. Ethernet MAC Switch Registers (continued)
ARM/L3 MASTERS
EMAC HEX
ACRONYM
REGISTER NAME
ADDRESS RANGE
0x4A10 0648
ALE_PORTCTL2
Address Lookup Engine Port 2 Control Register
0x4A10 064C
–
Reserved
0x4A10 0650
–
Reserved
0x4A10 0654
–
Reserved
0x4A10 0658 - 0x4A10 06FF
–
Reserved
0x4A10 0700
SL1_IDVER
CPGMAC_SL1 ID/Version Register
0x4A10 0704
SL1_MACCONTROL
CPGMAC_SL1 Mac Control Register
0x4A10 0708
SL1_MACSTATUS
CPGMAC_SL1 Mac Status Register
0x4A10 070C
SL1_SOFT_RESET
CPGMAC_SL1 Soft Reset Register
0x4A10 0710
SL1_RX_MAXLEN
CPGMAC_SL1 RX Maximum Length Register
0x4A10 0714
SL1_BOFFTEST
CPGMAC_SL1 Backoff Test Register
0x4A10 0718
SL1_RX_PAUSE
CPGMAC_SL1 Receive Pause Timer Register
0x4A10 071C
SL1_TX_PAUSE
CPGMAC_SL1 Transmit Pause Timer Register
0x4A10 0720
SL1_EMCONTROL
CPGMAC_SL1 Emulation Control Register
0x4A10 0724
SL1_RX_PRI_MAP
CPGMAC_SL1 Rx Pkt Priority to Header Priority Mapping Register
0x4A10 0728 - 0x4A10 073C
–
Reserved
0x4A10 0740
SL2_IDVER
CPGMAC_SL2 ID/Version Register
0x4A10 0744
SL2_MACCONTROL
CPGMAC_SL2 Mac Control Register
0x4A10 0748
SL2_MACSTATUS
CPGMAC_SL2 Mac Status Register
0x4A10 074C
SL2_SOFT_RESET
CPGMAC_SL2 Soft Reset Register
0x4A10 0750
SL2_RX_MAXLEN
CPGMAC_SL2 RX Maximum Length Register
0x4A10 0754
SL2_BOFFTEST
CPGMAC_SL2 Backoff Test Register
0x4A10 0758
SL2_RX_PAUSE
CPGMAC_SL2 Receive Pause Timer Register
0x4A10 075C
SL2_TX_PAUSE
CPGMAC_SL2 Transmit Pause Timer Register
0x4A10 0760
SL2_EMCONTROL
CPGMAC_SL2 Emulation Control
0x4A10 0764
SL2_RX_PRI_MAP
CPGMAC_SL2 Rx Pkt Priority to Header Priority Mapping Register
0x4A10 0768 - 0x4A10 07FF
–
Reserved
0x4A10 0800 - 0x4A10 08FF
see Table 8-25
MDIO Registers
0x4A10 0900
IDVER
Subsystem ID Version Register
0x4A10 0904
SOFT_RESET
Subsystem Soft Reset Register
0x4A10 0908
CONTROL
Subsystem Control Register
0x4A10 090C
INT_CONTROL
Subsystem Interrupt Control
0x4A10 0910
C0_RX_THRESH_EN
Subsystem Core 0 Receive Threshold Int Enable Register
0x4A10 0914
C0_RX_EN
Subsystem Core 0 Receive Interrupt Enable Register
0x4A10 0918
C0_TX_EN
Subsystem Core 0 Transmit Interrupt Enable Register
0x4A10 091C
C0_MISC_EN
Subsystem Core 0 Misc Interrupt Enable Register
0x4A10 0920
C1_RX_THRESH_EN
Subsystem Core 1 Receive Threshold Int Enable Register
0x4A10 0924
C1_RX_EN
Subsystem Core 1 Receive Interrupt Enable Register
0x4A10 0928
C1_TX_EN
Subsystem Core 1 Transmit Interrupt Enable Register
0x4A10 092C
C1_MISC_EN
Subsystem Core 1 Misc Interrupt Enable Register
0x4A10 0930
C2_RX_THRESH_EN
Subsystem Core 2 Receive Threshold Int Enable Register
0x4A10 0934
C2_RX_EN
Subsystem Core 2 Receive Interrupt Enable Register
0x4A10 0938
C2_TX_EN
Subsystem Core 2 Transmit Interrupt Enable Register
0x4A10 093C
C2_MISC_EN
Subsystem Core 2 Misc Interrupt Enable Register
0x4A10 0940
C0_RX_THRESH_STAT
Subsystem Core 0 Rx Threshold Masked Int Status Register
0x4A10 0944
C0_RX_STAT
Subsystem Core 0 Rx Interrupt Masked Int Status Register
216
Peripheral Information and Timings
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com