Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 299 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 299 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 295Page - Texas Instruments AM3871 Datasheet HTML 296Page - Texas Instruments AM3871 Datasheet HTML 297Page - Texas Instruments AM3871 Datasheet HTML 298Page - Texas Instruments AM3871 Datasheet HTML 299Page - Texas Instruments AM3871 Datasheet HTML 300Page - Texas Instruments AM3871 Datasheet HTML 301Page - Texas Instruments AM3871 Datasheet HTML 302Page - Texas Instruments AM3871 Datasheet HTML 303Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
8.14.3 McASP (McASP[5:0]) Electrical Data/Timing
Table 8-75. Timing Requirements for McASP(1)
(see Figure 8-83)
OPP100
NO
McASP[5:2,0] Only
McASP1 Only
UNIT
.
MIN
MAX
MIN
MAX
1
tc(AHCLKRX)
Cycle time, MCA[x]_AHCLKR/X
20
20
ns
0.5P -
0.5P -
2
tw(AHCLKRX)
Pulse duration, MCA[x]_AHCLKR/X high or low
ns
3(2)
3(2)
Any Other
20
20
ns
Conditions
3
tc(ACLKRX)
Cycle time, MCA[x]_ACLKR/X
ACLKx, AFSX
and AXR are all
–
12.5
ns
inputs
Any Other
0.5R -
0.5R -
ns
Conditions
3(3)
3(3)
Pulse duration, MCA[x]_ACLKR/X high or
4
tw(ACLKRX)
ACLKx, AFSX
low
0.5R -
and AXR are all
–
ns
1.5(3)
inputs
ACLKR/X int
11.5
11.5
Setup time, MCA[x]_AFSR/X input valid
5
tsu(AFSRX-ACLKRX)
ACLKR/X ext in
4
2.5
ns
before MCA[X]_ACLKR/X
ACLKR/X ext out
4
4
ACLKR/X int
-1
-1
Hold time, MCA[x]_AFSR/X input valid
6
th(ACLKRX-AFSRX)
ACLKR/X ext in
0.4
2.5
ns
after MCA[X]_ACLKR/X
ACLKR/X ext out
0.4
2.5
ACLKR/X int
11.5
11.5
Setup time, MCA[x]_AXR input valid
7
tsu(AXR-ACLKRX)
ACLKR/X ext in
4
2
ns
before MCA[X]_ACLKR/X
ACLKR/X ext out
4
4
ACLKR/X int
-1
-1
Hold time, MCA[x]_AXR input valid after
8
th(ACLKRX-AXR)
ACLKR/X ext in
0.4
2
ns
MCA[X]_ACLKR/X
ACLKR/X ext out
0.4
2
(1)
ACLKR internal: ACLKRCTL.CLKRM=1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM=0, PDIR.ACLKR=0
ACLKR external output: ACLKRCTL.CLKRM=0, PDIR.ACLKR=1
ACLKX internal: ACLKXCTL.CLKXM=1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM=0, PDIR.ACLKX=0
ACLKX external output: ACLKXCTL.CLKXM=0, PDIR.ACLKX=1
(2)
P = MCA[x]_AHCLKR/X period in nano seconds (ns).
(3)
R = MCA[x]_ACLKR/X period in ns.
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Timings
299
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com