Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 301 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 301 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 297Page - Texas Instruments AM3871 Datasheet HTML 298Page - Texas Instruments AM3871 Datasheet HTML 299Page - Texas Instruments AM3871 Datasheet HTML 300Page - Texas Instruments AM3871 Datasheet HTML 301Page - Texas Instruments AM3871 Datasheet HTML 302Page - Texas Instruments AM3871 Datasheet HTML 303Page - Texas Instruments AM3871 Datasheet HTML 304Page - Texas Instruments AM3871 Datasheet HTML 305Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 8-76. Switching Characteristics Over Recommended Operating Conditions for McASP(1)
(see Figure 8-84)
OPP100
NO.
PARAMETER
UNIT
MIN
MAX
9
tc(AHCLKRX)
Cycle time, MCA[X]_AHCLKR/X
20(2)
ns
0.5P -
10
tw(AHCLKRX)
Pulse duration, MCA[X]_AHCLKR/X high or low
ns
2.5(3)
11
tc(ACLKRX)
Cycle time, MCA[X]_ACLKR/X
20
ns
0.5P -
12
tw(ACLKRX)
Pulse duration, MCA[X]_ACLKR/X high or low
ns
2.5(3)
ACLKR/X int
0
6
Delay time, MCA[X]_ACLKR/X transmit edge to
MCA[X]_AFSR/X output valid
ACLKR/X ext in
2
13.5
13
td(ACLKRX-AFSRX)
ns
Delay time, MCA[X]_ACLKR/X transmit edge to
ACLKR/X ext out
2
13.5
MCA[X]_AFSR/X output valid with Pad Loopback
ACLKX int
0
6
Delay time, MCA[X]_ACLKX transmit edge to
MCA[X]_AXR output valid
ACLKX ext in
2
13.5
14
td(ACLKX-AXR)
ns
Delay time, MCA[X]_ACLKX transmit edge to
ACLKX ext out
2
13.5
MCA[X]_AXR output valid with Pad Loopback
ACLKX int
0
6
Disable time, MCA[X]_ACLKX transmit edge to
MCA[X]_AXR output high impedance
ACLKX ext in
2
13.5
15
tdis(ACLKX-AXR)
ns
Disable time, MCA[X]_ACLKX transmit edge to
MCA[X]_AXR output high impedance with Pad
ACLKX ext out
2
13.5
Loopback
(1)
ACLKR internal: ACLKRCTL.CLKRM=1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM=0, PDIR.ACLKR=0
ACLKR external output: ACLKRCTL.CLKRM=0, PDIR.ACLKR=1
ACLKX internal: ACLKXCTL.CLKXM=1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM=0, PDIR.ACLKX=0
ACLKX external output: ACLKXCTL.CLKXM=0, PDIR.ACLKX=1
(2)
50 MHz
(3)
P = AHCLKR/X period.
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Timings
301
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com