Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 305 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 305 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 301Page - Texas Instruments AM3871 Datasheet HTML 302Page - Texas Instruments AM3871 Datasheet HTML 303Page - Texas Instruments AM3871 Datasheet HTML 304Page - Texas Instruments AM3871 Datasheet HTML 305Page - Texas Instruments AM3871 Datasheet HTML 306Page - Texas Instruments AM3871 Datasheet HTML 307Page - Texas Instruments AM3871 Datasheet HTML 308Page - Texas Instruments AM3871 Datasheet HTML 309Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
8.15.2 McBSP Electrical Data/Timing
Table 8-78. Timing Requirements for McBSP - Master Mode(1)
(see Figure 8-85)
OPP100
NO.
UNIT
MIN
MAX
6
tsu(DRV-CLKAE)
Setup time, MCB_DR valid before MCB_CLK active edge(2)
3.5
ns
7
th(CLKAE-DRV)
Hold time, MCB_DR valid after MCB_CLK active edge(2)
0.1
ns
(1)
The timings apply to all configurations regardless of MCB_CLK polarity and which clock edges are used to drive output data and capture
input data.
(2)
MCB_CLK corresponds to either MCB_CLKX or MCB_CLKR.
Table 8-79. Switching Characteristics Over Recommended Operating Conditions for McBSP - Master
Mode(1)
(see Figure 8-85)
OPP100
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(CLK)
Cycle time, output MCB_CLK period(2)
20.83
ns
2
tw(CLKL)
Pulse duration, output MCB_CLK low(2)
0.5*P - 1(3)
ns
3
tw(CLKH)
Pulse duration, output MCB_CLK high(2)
0.5*P - 1(3)
ns
Delay time, output MCB_CLK active edge to output MCB_FS
4
td(CLKAE-FSV)
0.7
9.4
ns
valid(2)(4)
Delay time, output MCB_CLKX active edge to output MCB_DX
5
td(CLKXAE-DXV)
0.7
9.4
ns
valid
(1)
The timings apply to all configurations regardless of MCB_CLK polarity and which clock edges are used to drive output data and capture
input data.
(2)
MCB_CLK corresponds to either MCB_CLKX or MCB_CLKR.
(3)
P = MCB_CLKX/MCB_CLKR output CLK period, in ns; use whichever value is greater. This parameter applies to the maximum McBSP
frequency. Operate serial clocks (CLKX/R) in the reasonable range of 40/60 duty cycle.
(4)
MCB_FS corresponds to either MCB_FSX or MCB_FSR.
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Timings
305
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com