Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 303 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 303 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 299Page - Texas Instruments AM3871 Datasheet HTML 300Page - Texas Instruments AM3871 Datasheet HTML 301Page - Texas Instruments AM3871 Datasheet HTML 302Page - Texas Instruments AM3871 Datasheet HTML 303Page - Texas Instruments AM3871 Datasheet HTML 304Page - Texas Instruments AM3871 Datasheet HTML 305Page - Texas Instruments AM3871 Datasheet HTML 306Page - Texas Instruments AM3871 Datasheet HTML 307Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
8.15 Multichannel Buffered Serial Port (McBSP)
The McBSP provides these functions:
•
Full-duplex communication
•
Double-buffered data registers, which allow a continuous data stream
•
Independent framing and clocking for receive and transmit
•
Direct interface to industry-standard codecs, analog interface chips (AICs), and other serially
connected analog-to-digital (A/D) and digital-to-analog (D/A) devices
•
Supports TDM, I2S, and similar formats
•
External shift clock or an internal, programmable frequency shift clock for data transfer
•
5KB Tx and Rx buffer
•
Supports three interrupt and two DMA requests.
The McBSP module may support two types of data transfer at the system level:
•
The full-cycle mode, for which one clock period is used to transfer the data, generated on one edge
and captured on the same edge (one clock period later).
•
The half-cycle mode, for which one half clock period is used to transfer the data, generated on one
edge and captured on the opposite edge (one half clock period later). Note that a new data is
generated only every clock period, which secures the required hold time. The interface clock
(CLKX/CLKR) activation edge (data/frame sync capture and generation) has to be configured
accordingly with the external peripheral (activation edge capability) and the type of data transfer
required at the system level.
For more detailed information on the McBSP peripheral, see the Multichannel Buffered Serial Port
(McBSP) chapter of the AM387x Sitara ARM Microprocessors (MPUs) Technical Reference Manual
(Literature Number: SPRUGZ7).
The following sections describe the timing characteristics for applications in normal mode (that is, the
McBSP connected to one peripheral) and TDM applications in multipoint mode.
8.15.1 McBSP Peripheral Register Descriptions
Table 8-77. McBSP Registers(1)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4700 0000
DRR_REG
McBSP data receive
0x4700 0008
DXR_REG
McBSP data transmit
0x4700 0010
SPCR2_REG
McBSP serial port control 2
0x4700 0014
SPCR1_REG
McBSP serial port control 1
0x4700 0018
RCR2_REG
McBSP receive control 2
0x4700 001C
RCR1_REG
McBSP receive control 1
0x4700 0020
XCR2_REG
McBSP transmit control 2
0x4700 0024
XCR1_REG
McBSP transmit control 1
0x4700 0028
SRGR2_REG
McBSP sample rate generator 2
0x4700 002C
SRGR1_REG
McBSP sample rate generator 1
0x4700 0030
MCR2_REG
McBSP multichannel 2
0x4700 0034
MCR1_REG
McBSP multichannel 1
0x4700 0038
RCERA_REG
McBSP receive channel enable partition A
0x4700 003C
RCERB_REG
McBSP receive channel enable partition B
0x4700 0040
XCERA_REG
McBSP transmit channel enable partition A
0x4700 0044
XCERB_REG
McBSP transmit channel enable partition B
0x4700 0048
PCR_REG
McBSP pin control
(1)
Note that the McBSP registers are 32-bit aligned.
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Timings
303
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com