| Electronic Components Datasheet Search |
|
AM3871 Datasheet(PDF) 135 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3871 Datasheet(HTML) 135 Page - Texas Instruments |
|
135 / 345 page ![]() AM3874, AM3872, AM3871 www.ti.com SPRS695 – SEPTEMBER 2011 3.2.25 Reserved Pins Table 3-48. Reserved Terminal Functions SIGNAL TYPE(1) OTHER DESCRIPTION NAME NO. RSV1 AD8 O Reserved. (Leave unconnected, do not connect to power or ground.) RSV2 U8 O Reserved. (Leave unconnected, do not connect to power or ground.) RSV3 V8 O Reserved. (Leave unconnected, do not connect to power or ground.) RSV4 Y14 S Reserved. (Leave unconnected, do not connect to power or ground.) RSV5 AC8 RSV6 L27 I RSV7 L28 I RSV8 M27 I RSV9 M28 I RSV10 N28 I Reserved. (Leave unconnected, do not connect to power or ground.) RSV11 N27 I RSV12 P28 I RSV13 P27 I RSV14 R27 I RSV15 R28 I RSV16 U1 I Reserved. (Leave unconnected, do not connect to power or ground.) RSV17 U2 I Reserved. (Leave unconnected, do not connect to power or ground.) Reserved. For proper device operation, this pin must always be tied directly to a RSV18 N10 S 1- µF capacitor to ground (VSS). Reserved. For proper device operation, this pin must always be tied directly to a RSV19 N11 S 1- µF capacitor to ground (VSS). Reserved. For proper device operation, this pin must be tied directly to the 1.8-V RSV20 P11 S core supply. Reserved. For proper device operation, this pin must always be tied directly to a RSV21 P10 S 1- µF capacitor to ground (VSS). Reserved. For proper device operation, this pin must always be tied directly to a RSV22 M11 S 1- µF capacitor to ground (VSS). (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-selected Input State Copyright © 2011, Texas Instruments Incorporated Device Pins 135 Submit Documentation Feedback Product Folder Link(s): AM3874 AM3872 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |