Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 136 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 132Page - Texas Instruments AM3871 Datasheet HTML 133Page - Texas Instruments AM3871 Datasheet HTML 134Page - Texas Instruments AM3871 Datasheet HTML 135Page - Texas Instruments AM3871 Datasheet HTML 136Page - Texas Instruments AM3871 Datasheet HTML 137Page - Texas Instruments AM3871 Datasheet HTML 138Page - Texas Instruments AM3871 Datasheet HTML 139Page - Texas Instruments AM3871 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
3.2.26 Supply Voltages
Table 3-49. Supply Voltages Terminal Functions
SIGNAL
TYPE(1)
OTHER
DESCRIPTION
NAME
NO.
VREFSSTL_DDR[0]
G15
S
Reference Power Supply DDR[0]
VREFSSTL_DDR[1]
G14
S
Reference Power Supply DDR[1]
CVDD
K9, K10,
S
Variable Voltage Supply for the CORE_L Core Logic Voltage
K12, K18, L9,
Domain
L10, L11,
For actual voltage supply ranges, see Section 6.2, Recommended
L12, L14,
Operating Conditions.
L15, L17,
L19, M10,
M12, M13,
M14, M16,
M18, N9,
N13, N14,
N17, N19,
P12, P14,
P16, R15,
R17, R19,
T12, U11,
U13, U17,
U19, W11
CVDD_ARM
T14, T15,
S
Variable Voltage Supply for the ARM_L Core Logic Voltage
T16, U15,
Domain
U16, V15,
For actual voltage supply ranges, see Section 6.2, Recommended
V16
Operating Conditions.
DVDD
M8, N7, P8,
S
3.3 V/1.8 V Power Supply for General I/Os
T7, U21,
U22,
V20,Y11,
Y16, AA15,
AA17, AB14,
AB16
DVDD_GPMC
K20, L21,
S
3.3 V/1.8 V Power Supply for GPMC I/Os
M20
DVDD_GPMCB
P20, T20
S
3.3 V/1.8 V Power Supply for GPMCB I/Os
DVDD_SD
P7, P9
S
3.3 V/1.8 V Power Supply for MMC/SD/SDIO I/Os
DVDD_DDR[0]
E20, E21,
S
1.5 V/1.8 V Power Supply for DDR[0] I/Os
G16, H16,
H17, J15,
J16, J17, J18
DVDD_DDR[1]
E8, E9, G13,
S
1.5 V/1.8 V Power Supply for DDR[1] I/Os
H12, H13,
H14, J10,
J11, J13
DVDD_M
R10
S
1.8 V Power Supply . For proper device operation, this pin must
always be connected to a 1.8-V Power Supply.
DVDD_C
W19, W20
S
3.3 V/1.8 V Power Supply for Camera I/F I/Os
VDDA_ARMPLL_1P8
R13
S
1.8 V Analog Power Supply for PLL_ARM and PLL_SGX
VDDA_VID0PLL_1P8
AB18
S
1.8 V Analog Power Supply for PLL_VIDEO0
VDDA_VID1PLL_1P8
AA18
S
1.8 V Analog Power Supply for PLL_VIDEO1
VDDA_AUDIOPLL_1P8
R18
S
1.8 V Analog Power Supply for PLL_AUDIO
VDDA_DDRPLL_1P8
H15
S
1.8 V Analog Power Supply for PLL_DDR
VDDA_L3PLL_1P8
N18
S
1.8 V Analog Power Supply for PLL_L3, PLL_HDVPSS, and
PLL_MEDIACTL
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS =
De-selected Input State
136
Device Pins
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com