Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 138 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 138 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 134Page - Texas Instruments AM3871 Datasheet HTML 135Page - Texas Instruments AM3871 Datasheet HTML 136Page - Texas Instruments AM3871 Datasheet HTML 137Page - Texas Instruments AM3871 Datasheet HTML 138Page - Texas Instruments AM3871 Datasheet HTML 139Page - Texas Instruments AM3871 Datasheet HTML 140Page - Texas Instruments AM3871 Datasheet HTML 141Page - Texas Instruments AM3871 Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
3.2.27 Ground Pins (VSS)
Table 3-50. Ground Terminal Functions
SIGNAL
TYPE(1)
OTHER
DESCRIPTION
NAME
NO.
VSS
A1, A12,
GND
Ground (GND)
A17, A28,
D9, D20, J12,
J14, J19,
K11, K13,
K14, K15,
K16, K17,
K19, L8, L13,
L16, L22, M9,
M15, M17,
M19, M21,
N8, N12,
N15, N16,
N20, N21,
N22, P13,
P15, P17,
P19, P21,
R8, R9, R12,
R14, R16,
R21, R22,
T8, T9, T13,
T17, T18,
T19, T21,
T22, U12,
U14, U18,
U20, V7, V9,
V11, V17,
V19, V21,
W12, W16,
W17, Y1, Y2,
Y10, Y12,
Y15, Y17,
Y18, Y19,
AA14, AA16,
AD21, AE1,
AE2, AE9,
AE20, AF23,
AG1, AH1,
AH28
VSSA_VDAC
AA19
GND
Analog GND for VDAC.
For proper device operation, this pin must always be connected to ground,
even if the VDAC is not being used.
VSSA_HDMI
V18
GND
Analog GND for HDMI
For proper device operation, this pin must always be connected to ground,
even if the HDMI is not being used.
VSSA_USB
V12, V13
GND
Analog GND for USB0 and USB1.
For proper device operation, this pin must always be connected to ground,
even if USB0 and USB1 are not being used.
VSSA_DEVOSC
AG3
GND
Ground for Device Oscillator
VSSA_AUXOSC
R2
GND
Ground for Auxiliary Oscillator
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS =
De-selected Input State
138
Device Pins
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com