Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 141 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 141 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 137Page - Texas Instruments AM3871 Datasheet HTML 138Page - Texas Instruments AM3871 Datasheet HTML 139Page - Texas Instruments AM3871 Datasheet HTML 140Page - Texas Instruments AM3871 Datasheet HTML 141Page - Texas Instruments AM3871 Datasheet HTML 142Page - Texas Instruments AM3871 Datasheet HTML 143Page - Texas Instruments AM3871 Datasheet HTML 144Page - Texas Instruments AM3871 Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 4-2. XIP (on GPMC) Boot Options
CONTROLLED I/O FUNCTION DURING XIP (NOR) BOOT
BTMODE[10] = 0 [OPTION A]
BTMODE[10] = 1 [OPTION B]
SIGNAL NAME
PIN NO.
OTHER CONDITIONS
PULL
PULL
PIN FUNCTION
PIN FUNCTION
STATE
STATE
GPMC_CS[0]/*
T28
GPMC_CS[0]
IPU
GPMC_CS[0]
IPU
M26
BTMODE[14:13] = 01b or 10b (Mux)
GPMC_ADV_ALE
IPU
GPMC_ADV_ALE
IPU
GPMC_ADV_ALE/*
BTMODE[14:13] = 00b (Non-Mux)
Default
GPMC_OE_RE
T27
GPMC_OE_RE
IPU
GPMC_OE_RE
IPU
GPMC_BE[0]_CLE/GPMC_A[25]/*
U27
GPMC_BE[0]_CLE
IPD
Default
IPD
GPMC_BE[1]/GPMC_A[24]/*
V28
Default
IPD
Default
IPD
GPMC_WE
U28
GPMC_WE
IPU
GPMC_WE
IPU
W28
BTMODE[15] = 1b (WAIT Used/Enabled)
GPMC_WAIT[0]
IPU
GPMC_WAIT[0]
IPU
GPMC_WAIT[0]/GPMC_A[26]/*
BTMODE[15] = 0b (WAIT Not
Default
IPD(1)
Used/Disabled)
GPMC_CLK/*
R26
GPMC_CLK
IPU
Default
IPU
Y25,V24,U23,U24,AA27,Y26,AB
GPMC_D[15:0]
Off
GPMC_D[15:0]
Off
GPMC_D[15:0]/*
28,Y27,V25,U25,AA28,V26,W27,
V27,Y28,U26
J25
BTMODE[12] = 0b (8-bit Mode)
GPMC_A[0]
IPD
GPMC_A[0]
IPD
*/GPMC_A[27]/GPMC_A[26]/GPMC_A[0]/*
BTMODE[12] = 1b (16-bit Mode)
Default
T23,H26,F28,G27,K22,K23,J24,
XIP_MUX0 Mode
GPMC_A[1:12]
IPD
GPMC_A[1:12]
IPD
*/GPMC_A[1:12]/* (M0)
H25,H22,H23,G23,F27
XIP_MUX1 Mode
Default
IPD
Default
IPD
J28,K27,M24,L26,AD18,AC18,A
XIP_MUX0 Mode
Default
Default
Default
Default
*/GPMC_A[1:12]/* (M1)
C19,AA22,AE23,AD23,AB23,AF
XIP_MUX1 Mode
GPMC_A[1:12]
Default
GPMC_A[1:12]
Default
18
*/GPMC_A[13:15]/* (M0)
J22,H24,J23
Default
IPD
Default
IPD
AF28
BTMODE[12] = 0b (8-bit Mode)
Default
IPU
Default
IPU
*/GPMC_A[0]/* (M1)
BTMODE[12] = 1b (16-bit Mode)
AF27
BTMODE[14:13] = 01b or 10b (Mux)
Default
IPU
Default
IPU
*/GPMC_A[13]/* (M1)
BTMODE[14:13] = 00b (Non-Mux)
IPD(1)
AG28
BTMODE[14:13] = 01b or 10b (Mux)
Default
IPU
Default
IPU
*/GPMC_A[14]/* (M1)
BTMODE[14:13] = 00b (Non-Mux)
IPD(1)
*/GPMC_A[15]/* (M1)
AE27
Default
IPD
Default
IPD
GPMC_A[16:19]/*
AD27,V23,AE28,AC27
Default
IPD
Default
IPD
GPMC_A[20] (M0)
AD28
Default
IPU
Default
IPD(1)
GPMC_A[21] (M0)
AC28
Default
IPD
Default
IPD
GPMC_A[22] (M0)
AB27
Default
IPU
Default
IPD(1)
GPMC_A[23] (M0)
AA26
Default
IPD
Default
IPD
(1)
After initial power-up the internal pullup (IPU) will be at its default configuration of IPU. During the boot ROM execution, the pull state is reconfigured to IPD and it remains IPD after boot
until the user software reconfigures it.
Copyright
© 2011, Texas Instruments Incorporated
Device Configurations
141
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com