Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 145 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 145 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 141Page - Texas Instruments AM3871 Datasheet HTML 142Page - Texas Instruments AM3871 Datasheet HTML 143Page - Texas Instruments AM3871 Datasheet HTML 144Page - Texas Instruments AM3871 Datasheet HTML 145Page - Texas Instruments AM3871 Datasheet HTML 146Page - Texas Instruments AM3871 Datasheet HTML 147Page - Texas Instruments AM3871 Datasheet HTML 148Page - Texas Instruments AM3871 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 4-8. Pins Used in EMAC[0] MII/GMII, RGMII, and RMII Boot Modes (continued)
SIGNAL NAMES
PIN NO.
MII/GMII
TYPE
RGMII
TYPE
RMII
TYPE
H23
EMAC[0]_MTXD[3]
O
DEFAULT
DEFAULT
G23
EMAC[0]_MTXD[4]
O
DEFAULT
DEFAULT
F27
EMAC[0]_MTXD[5]
O
DEFAULT
DEFAULT
J22
EMAC[0]_MTXD[6]
O
DEFAULT
DEFAULT
H24
EMAC[0]_MTXD[7]
O
DEFAULT
DEFAULT
J23
EMAC[0]_MTXEN
O
DEFAULT
DEFAULT
H28
MDCLK
O
MDCLK
O
MDCLK
O
P24
MDIO
I/O
MDIO
I/O
MDIO
I/O
4.2.7
PCIe Bootmode (PCIE_32 and PCIE_64)
Table 4-9 lists the device pins that are configured by the ROM for the PCIe boot mode.
Table 4-9. Pins Used in PCIe Bootmode
SIGNAL NAME
PIN NO.
TYPE
PCIE_TXP0
AD2
O
PCIE_TXN0
AD1
O
PCIE_RXP0
AC2
I
PCIE_RXN0
AC1
I
SERDES_CLKIP
AF1
I
SERDES_CLKN
AF2
I
4.2.8
UART Bootmode
Table 4-10 lists the device pins that are configured by the ROM for the UART boot mode.
Table 4-10. Pins Used in UART Bootmode
SIGNAL NAME
PIN NO.
TYPE
UART0_RXD
AH5
I
UART0_TXD
AG5
O
Copyright
© 2011, Texas Instruments Incorporated
Device Configurations
145
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com