Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 148 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 148 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 144Page - Texas Instruments AM3871 Datasheet HTML 145Page - Texas Instruments AM3871 Datasheet HTML 146Page - Texas Instruments AM3871 Datasheet HTML 147Page - Texas Instruments AM3871 Datasheet HTML 148Page - Texas Instruments AM3871 Datasheet HTML 149Page - Texas Instruments AM3871 Datasheet HTML 150Page - Texas Instruments AM3871 Datasheet HTML 151Page - Texas Instruments AM3871 Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
Table 4-11. PINCNTLx Registers MUXMODE Functions (continued)
HEX
MUXMODE[7:0] SETTINGS
(1)
REGISTER
PIN
ADDRESS
NAME
NO.
0x1
0x2
0x4
0x8
0x10
0x20
0x40
0x80
0x4814 088C
PINCNTL36
T6
MCA[1]_AXR[1]
SD0_DAT[5]
0x4814 0890
PINCNTL37
R3
MCA[1]_AXR[2]
MCB_FSR
(M0)
0x4814 0894
PINCNTL38
N6
MCA[1]_AXR[3]
MCB_CLKR
(M0)
0x4814 0898
PINCNTL39
U6
MCA[2]_ACLKX
GP0[10]
(M1)
0x4814 089C
PINCNTL40
AA5
MCA[2]_AFSX
GP0[11]
(M1)
0x4814 08A0
PINCNTL41
N2
MCA[2]_AXR[0]
SD0_DAT[6]
UART5_RXD
(M3)
GP0[12]
(M1)
0x4814 08A4
PINCNTL42
V6
MCA[2]_AXR[1]
SD0_DAT[7]
UART5_TXD
(M3)
GP0[13]
(M1)
0x4814 08A8
PINCNTL43
V5
MCA[2]_AXR[2]
MCA[1]_AXR[6]
TIM2_IO
(M0)
GP0[14]
(M1)
0x4814 08AC
PINCNTL44
H2
MCA[2]_AXR[3]
MCA[1]_AXR[7]
TIM3_IO
(M0)
GP0[15]
(M1)
0x4814 08B0
PINCNTL45
G6
MCA[3]_ACLKX
GP0[16]
(M1)
0x4814 08B4
PINCNTL46
H4
MCA[3]_AFSX
GP0[17]
(M1)
0x4814 08B8
PINCNTL47
G1
MCA[3]_AXR[0]
TIM4_IO
(M0)
GP0[18]
(M1)
0x4814 08BC
PINCNTL48
G2
MCA[3]_AXR[1]
TIM5_IO
(M0)
GP0[19]
(M1)
0x4814 08C0
PINCNTL49
F2
MCA[3]_AXR[2]
MCA[1]_AXR[8]
(M1)
GP0[20]
(M1)
0x4814 08C4
PINCNTL50
J6
MCA[3]_AXR[3]
MCA[1]_AXR[9]
(M1)
0x4814 08C8
PINCNTL51
K7
MCA[4]_ACLKX
GP0[21]
(M1)
0x4814 08CC
PINCNTL52
H3
MCA[4]_AFSX
GP0[22]
(M1)
0x4814 08D0
PINCNTL53
H6
MCA[4]_AXR[0]
GP0[23]
(M1)
0x4814 08D4
PINCNTL54
J4
MCA[4]_AXR[1]
TIM6_IO
(M0)
GP0[24]
(M1)
0x4814 08D8
PINCNTL55
J3
MCA[5]_ACLKX
GP0[25]
(M1)
0x4814 08DC
PINCNTL56
H5
MCA[5]_AFSX
GP0[26]
(M1)
0x4814 08E0
PINCNTL57
L7
MCA[5]_AXR[0]
MCA[4]_AXR[2]
GP0[27]
(M1)
0x4814 08E4
PINCNTL58
L6
MCA[5]_AXR[1]
MCA[4]_AXR[3]
TIM7_IO
(M0)
GP0[28]
(M1)
0x4814 08E8
PINCNTL59
U4
GP0[29]
UART2_RXD
(M1)
0x4814 08EC
PINCNTL60
T2
TCLKIN
GP0[30]
0x4814 08F0
PINCNTL61
U3
GP0[31]
UART2_TXD
(M1)
0x4814 08F4
PINCNTL62
W1
GP1[7]
(M1)
0x4814 08F8
PINCNTL63
W2
GP1[8]
(M1)
0x4814 08FC
PINCNTL64
V1
GP1[9]
(M1)
0x4814 0900
PINCNTL65
V2
GP1[10]
(M1)
0x4814 0904
PINCNTL66
–
Reserved. Do Not Program this Register.
0x4814 0908
PINCNTL67
–
Reserved. Do Not Program this Register.
0x4814 090C
PINCNTL68
AH6
DCAN0_TX
GP1[0]
UART2_TXD
(M2)
I2C[3]_SDA
(M1)
148
Device Configurations
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com