Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 150 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 150 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 146Page - Texas Instruments AM3871 Datasheet HTML 147Page - Texas Instruments AM3871 Datasheet HTML 148Page - Texas Instruments AM3871 Datasheet HTML 149Page - Texas Instruments AM3871 Datasheet HTML 150Page - Texas Instruments AM3871 Datasheet HTML 151Page - Texas Instruments AM3871 Datasheet HTML 152Page - Texas Instruments AM3871 Datasheet HTML 153Page - Texas Instruments AM3871 Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
Table 4-11. PINCNTLx Registers MUXMODE Functions (continued)
HEX
MUXMODE[7:0] SETTINGS
(1)
REGISTER
PIN
ADDRESS
NAME
NO.
0x1
0x2
0x4
0x8
0x10
0x20
0x40
0x80
0x4814 09A0
PINCNTL105
AD27
GPMC_A[16]
GP2[5]
(M0)
0x4814 09A4
PINCNTL106
V23
GPMC_A[17]
GP2[6]
(M0)
0x4814 09A8
PINCNTL107
AE28
GPMC_A[18]
TIM2_IO
(M2)
GP1[13]
(M0)
0x4814 09AC
PINCNTL108
AC27
GPMC_A[19]
TIM3_IO
(M2)
GP1[14]
(M0)
0x4814 09B0
PINCNTL109
AD28
SPI[2]_SCS[1]
GPMC_A[20]
(M0)
GP1[15]
(M0)
0x4814 09B4
PINCNTL110
AC28
GPMC_A[21]
(M0)
SPI[2]_D[0]
(M0)
GP1[16]
(M0)
0x4814 09B8
PINCNTL111
AB27
GPMC_A[22]
(M0)
SPI[2]_D[1]
(M0)
HDMI_CEC
(M0)
TIM4_IO
(M2)
GP1[17]
(M0)
0x4814 09BC
PINCNTL112
AA26
GPMC_A[23]
(M0)
SPI[2]_SCLK
(M0)
HDMI_HPDET
(M0)
TIM5_IO
(M2)
GP1[18]
(M0)
0x4814 09C0
PINCNTL113
L25
SD2_DAT[7]
GP1[19]
GPMC_A[24]
(M0)
GPMC_A[20]
(M1)
UART2_RXD
(M3)
0x4814 09C4
PINCNTL114
N23
SD2_DAT[6]
GP1[20]
GPMC_A[25]
(M0)
GPMC_A[21]
(M1)
UART2_TXD
(M3)
0x4814 09C8
PINCNTL115
P22
SD2_DAT[5]
GP1[21]
GPMC_A[26]
(M0)
GPMC_A[22]
(M1)
TIM6_IO
(M2)
0x4814 09CC
PINCNTL116
R24
SD2_DAT[4]
GPMC_CS[7]
GP1[22]
GPMC_A[27]
(M0)
GPMC_A[23]
(M1)
EDMA_EVT0
(M1)
TIM7_IO
(M2)
0x4814 09D0
PINCNTL117
J28
SD2_DAT[3]
GPMC_A[1]
(M1)
GP2[5]
(M1)
0x4814 09D4
PINCNTL118
K27
SD2_DAT[2]_SDRW
GPMC_A[2]
(M1)
GP2[6]
(M1)
0x4814 09D8
PINCNTL119
M24
SD2_DAT[1]_SDIRQ
GPMC_A[3]
(M1)
GP1[13]
(M1)
0x4814 09DC
PINCNTL120
L26
SD2_DAT[0]
GPMC_A[4]
(M1)
GP1[14]
(M1)
0x4814 09E0
PINCNTL121
M23
SD2_CLK
GP1[15]
(M1)
0x4814 09E4
PINCNTL122
T28
GPMC_CS[0]
GP1[23]
0x4814 09E8
PINCNTL123
K28
GPMC_CS[1]
GP1[24]
GPMC_A[25]
(M1)
0x4814 09EC
PINCNTL124
M25
GPMC_CS[2]
GP1[25]
GPMC_A[24]
(M1)
0x4814 09F0
PINCNTL125
P26
GPMC_CS[3]
VIN[1]B_CLK
SPI[2]_SCS[0]
GP1[26]
(M0)
0x4814 09F4
PINCNTL126
P25
GPMC_CS[4]
SD2_CMD
GP1[8]
(M0)
0x4814 09F8
PINCNTL127
R26
GPMC_CLK
GPMC_CS[5]
GPMC_WAIT[1]
CLKOUT1
GP1[27]
EDMA_EVT3
(M0)
TIM4_IO
(M3)
0x4814 09FC
PINCNTL128
M26
GPMC_ADV_ALE
GPMC_CS[6]
GP1[28]
TIM5_IO
(M3)
0x4814 0A00
PINCNTL129
T27
GPMC_OE_RE
0x4814 0A04
PINCNTL130
U28
GPMC_WE
0x4814 0A08
PINCNTL131
U27
GPMC_BE[0]_CLE
GP1[29]
GPMC_A[25]
(M2)
EDMA_EVT2
(M0)
TIM6_IO
(M3)
0x4814 0A0C
PINCNTL132
V28
GPMC_BE[1]
GP1[30]
GPMC_A[24]
(M2)
EDMA_EVT1
(M0)
TIM7_IO
(M3)
0x4814 0A10
PINCNTL133
W28
GPMC_WAIT[0]
GP1[31]
GPMC_A[26]
(M2)
EDMA_EVT0
(M0)
0x4814 0A14
PINCNTL134
AE17
VIN[0]B_CLK
CLKOUT0
GP1[9]
(M0)
0x4814 0A18
PINCNTL135
AE21
VIN[0]B_HSYNC
GP2[0]
VIN[0]A_DE
(M0)
UART5_TXD
(M1)
I2C[2]_SDA
(M1)
0x4814 0A1C
PINCNTL136
AA20
VIN[0]B_VSYNC
GP2[1]
VIN[0]A_FLD
(M0)
UART5_RXD
(M1)
I2C[2]_SCL
(M3)
0x4814 0A20
PINCNTL137
AB20
VIN[0]A_CLK
GP2[2]
(M1)
150
Device Configurations
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com