Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 151 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 147Page - Texas Instruments AM3871 Datasheet HTML 148Page - Texas Instruments AM3871 Datasheet HTML 149Page - Texas Instruments AM3871 Datasheet HTML 150Page - Texas Instruments AM3871 Datasheet HTML 151Page - Texas Instruments AM3871 Datasheet HTML 152Page - Texas Instruments AM3871 Datasheet HTML 153Page - Texas Instruments AM3871 Datasheet HTML 154Page - Texas Instruments AM3871 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 4-11. PINCNTLx Registers MUXMODE Functions (continued)
HEX
MUXMODE[7:0] SETTINGS
(1)
REGISTER
PIN
ADDRESS
NAME
NO.
0x1
0x2
0x4
0x8
0x10
0x20
0x40
0x80
0x4814 0A24
PINCNTL138
AC20
VIN[0]A_HSYNC
GP2[3]
UART5_RTS
(M1)
0x4814 0A28
PINCNTL139
AD20
VIN[0]A_VSYNC
GP2[4]
UART5_CTS
(M1)
0x4814 0A2C
PINCNTL140
AF9
VIN[0]A_D[0]
GP1[11]
(M1)
0x4814 0A30
PINCNTL141
AB11
VIN[0]A_D[1]
GP1[12]
(M1)
0x4814 0A34
PINCNTL142
AC9
VIN[0]A_D[2]
GP2[7]
0x4814 0A38
PINCNTL143
AE12
VIN[0]A_D[3]
GP2[8]
0x4814 0A3C
PINCNTL144
AH8
VIN[0]A_D[4]
GP2[9]
0x4814 0A40
PINCNTL145
AG16
VIN[0]A_D[5]
GP2[10]
0x4814 0A44
PINCNTL146
AH16
VIN[0]A_D[6]
GP2[11]
0x4814 0A48
PINCNTL147
AA11
VIN[0]A_D[7]
GP2[12]
0x4814 0A4C
PINCNTL148
AB15
VIN[0]A_D[8]_BD[0]
GP2[13]
0x4814 0A50
PINCNTL149
AG9
VIN[0]A_D[9]_BD[1]
GP2[14]
0x4814 0A54
PINCNTL150
AH9
VIN[0]A_D[10]_BD[2]
GP2[15]
0x4814 0A58
PINCNTL151
AH17
VIN[0]A_D[11]_BD[3]
GP2[16]
CAM_WE
(M1)
0x4814 0A5C
PINCNTL152
AG17
VIN[0]A_D[12]_BD[4]
CLKOUT1
GP2[17]
0x4814 0A60
PINCNTL153
AF17
VIN[0]A_D[13]_BD[5]
CAM_RESET
GP2[18]
0x4814 0A64
PINCNTL154
AC12
VIN[0]A_D[14]_BD[6]
CAM_STROBE
GP2[19]
0x4814 0A68
PINCNTL155
AC14
VIN[0]A_D[15]_BD[7]
CAM_SHUTTER
GP2[20]
0x4814 0A6C
PINCNTL156
AA21
VIN[0]A_D[16]
CAM_D[8]
I2C[2]_SCL
(M1)
GP0[10]
(M0)
0x4814 0A70
PINCNTL157
AB21
VIN[0]A_D[17]
CAM_D[9]
EMAC[1]_RMRXER
(M1)
GP0[11]
(M0)
0x4814 0A74
PINCNTL158
AF20
VIN[0]A_D[18]
CAM_D[10]
EMAC[1]_RMRXD[1]
(M1)
I2C[3]_SCL
(M2)
GP0[12]
(M0)
0x4814 0A78
PINCNTL159
AF21
VIN[0]A_D[19]
CAM_D[11]
EMAC[1]_RMRXD[0]
(M1)
I2C[3]_SDA
(M2)
GP0[13]
(M0)
0x4814 0A7C
PINCNTL160
AC17
VIN[0]A_D[20]
CAM_D[12]
SPI[3]_SCS[0]
EMAC[1]_RMCRSDV
(M1)
GP0[14]
(M0)
0x4814 0A80
PINCNTL161
AE18
VIN[0]A_D[21]
CAM_D[13]
EMAC[1]_RMTXD[0]
(M1)
SPI[3]_SCLK
(M0)
GP0[15]
(M0)
0x4814 0A84
PINCNTL162
AC21
VIN[0]A_D[22]
CAM_D[14]
EMAC[1]_RMTXD[1]
(M1)
SPI[3]_D[1]
(M0)
GP0[16]
(M0)
0x4814 0A88
PINCNTL163
AC16
VIN[0]A_D[23]
CAM_D[15]
EMAC[1]_RMTXEN
(M1)
SPI[3]_D[0]
(M0)
GP0[17]
(M0)
0x4814 0A8C
PINCNTL164
AB17
CAM_D[7]
VIN[0]A_DE
(M1)
GP0[18]
(M0)
0x4814 0A90
PINCNTL165
AC15
VIN[0]B_DE
CAM_D[6]
GP0[19]
(M0)
0x4814 0A94
PINCNTL166
AC22
CAM_D[5]
VIN[0]A_FLD
(M1)
GP0[20]
(M0)
0x4814 0A98
PINCNTL167
AD17
VIN[0]B_FLD
CAM_D[4]
GP0[21]
(M0)
0x4814 0A9C
PINCNTL168
AD18
VOUT[1]_G_Y_YC[1]
CAM_D[3]
GPMC_A[5]
(M1)
UART4_RXD
(M0)
GP0[22]
(M0)
0x4814 0AA0
PINCNTL169
AC18
VOUT[1]_G_Y_YC[0]
CAM_D[2]
GPMC_A[6]
(M1)
UART4_TXD
(M0)
GP0[23]
(M0)
0x4814 0AA4
PINCNTL170
AC19
VOUT[1]_R_CR[1]
CAM_D[1]
GPMC_A[7]
(M1)
UART4_CTS
(M0)
GP0[24]
(M0)
0x4814 0AA8
PINCNTL171
AA22
VOUT[1]_R_CR[0]
CAM_D[0]
GPMC_A[8]
(M1)
UART4_RTS
(M0)
GP0[25]
(M0)
0x4814 0AAC
PINCNTL172
AE23
VOUT[1]_B_CB_C[1]
CAM_HS
GPMC_A[9]
(M1)
UART2_RXD
(M0)
GP0[26]
(M0)
Copyright
© 2011, Texas Instruments Incorporated
Device Configurations
151
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com