Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 147 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 147 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 143Page - Texas Instruments AM3871 Datasheet HTML 144Page - Texas Instruments AM3871 Datasheet HTML 145Page - Texas Instruments AM3871 Datasheet HTML 146Page - Texas Instruments AM3871 Datasheet HTML 147Page - Texas Instruments AM3871 Datasheet HTML 148Page - Texas Instruments AM3871 Datasheet HTML 149Page - Texas Instruments AM3871 Datasheet HTML 150Page - Texas Instruments AM3871 Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 4-11. PINCNTLx Registers MUXMODE Functions
HEX
MUXMODE[7:0] SETTINGS
(1)
REGISTER
PIN
ADDRESS
NAME
NO.
0x1
0x2
0x4
0x8
0x10
0x20
0x40
0x80
0x4814 0800
PINCNTL1
P3
SD1_CLK
0x4814 0804
PINCNTL2
P2
GP0[0]
SD1_CMD
(M0)
0x4814 0808
PINCNTL3
P1
SD1_DAT[0]
0x4814 080C
PINCNTL4
P5
SD1_DAT[1]_SDIRQ
0x4814 0810
PINCNTL5
P4
SD1_DAT[2]_SDRW
0x4814 0814
PINCNTL6
P6
SD1_DAT[3]
0x4814 0818
PINCNTL7
W6
DEVOSC_WAKE
SPI[1]_SCS[1]
TIM5_IO
(M1)
GP1[7]
(M0)
0x4814 081C
PINCNTL8
Y6
SD0_CLK
GP0[1]
0x4814 0820
PINCNTL9
N1
SD0_CMD
GP0[2]
SD1_CMD
(M1)
0x4814 0824
PINCNTL10
R7
SD0_DAT[0]
SD1_DAT[4]
GP0[3]
0x4814 0828
PINCNTL11
Y5
SD0_DAT[1]_SDIRQ
SD1_DAT[5]
GP0[4]
0x4814 082C
PINCNTL12
Y3
SD0_DAT[2]_SDRW
SD1_DAT[6]
GP0[5]
0x4814 0830
PINCNTL13
Y4
SD0_DAT[3]
SD1_DAT[7]
GP0[6]
0x4814 0834
PINCNTL14
L5
AUD_CLKIN0
MCA[0]_AHCLKX
MCA[3]_AHCLKX
USB1_DRVVBUS
MCA[0]_AXR[7]
(M1)
0x4814 0838
PINCNTL15
R5
AUD_CLKIN1
MCA[1]_AHCLKX
MCA[4]_AHCLKX
GP0[8]
MCA[0]_AXR[8]
(M1)
EDMA_EVT3
(M1)
TIM2_IO
(M1)
0x4814 083C
PINCNTL16
H1
AUD_CLKIN2
MCA[2]_AHCLKX
MCA[5]_AHCLKX
GP0[9]
MCA[0]_AXR[9]
(M1)
EDMA_EVT2
(M1)
TIM3_IO
(M1)
0x4814 0840
PINCNTL17
R4
MCA[0]_ACLKX
0x4814 0844
PINCNTL18
L3
MCA[0]_AFSX
0x4814 0848
PINCNTL19
K2
MCA[0]_ACLKR
MCA[5]_AXR[2]
0x4814 084C
PINCNTL20
K1
MCA[0]_AFSR
MCA[5]_AXR[3]
0x4814 0850
PINCNTL21
J2
MCA[0]_AXR[0]
0x4814 0854
PINCNTL22
J1
MCA[0]_AXR[1]
I2C[3]_SCL
(M0)
0x4814 0858
PINCNTL23
L4
MCA[0]_AXR[2]
I2C[3]_SDA
(M0)
0x4814 085C
PINCNTL24
M5
MCA[0]_AXR[3]
0x4814 0860
PINCNTL25
R6
MCA[0]_AXR[4]
MCA[1]_AXR[8]
(M0)
0x4814 0864
PINCNTL26
M3
MCA[0]_AXR[5]
MCA[1]_AXR[9]
(M0)
0x4814 0868
PINCNTL27
M4
MCA[0]_AXR[6]
MCB_DR
0x4814 086C
PINCNTL28
L2
MCB_DX
MCA[0]_AXR[7]
(M0)
0x4814 0870
PINCNTL29
L1
MCB_FSX
MCA[0]_AXR[8]
(M0)
MCB_FSR
(M1)
0x4814 0874
PINCNTL30
M6
MCB_CLKX
MCA[0]_AXR[9]
(M0)
MCB_CLKR
(M1)
0x4814 0878
PINCNTL31
U5
MCA[1]_ACLKX
0x4814 087C
PINCNTL32
V3
MCA[1]_AFSX
0x4814 0880
PINCNTL33
M1
MCA[1]_ACLKR
MCA[1]_AXR[4]
0x4814 0884
PINCNTL34
M2
MCA[1]_AFSR
MCA[1]_AXR[5]
0x4814 0888
PINCNTL35
V4
MCA[1]_AXR[0]
SD0_DAT[4]
(1)
"(M0)" represents multimuxed option "0" for this pin function, "(M1)" represents multi-muxed option "1" for this pin function, ... etc.
Copyright
© 2011, Texas Instruments Incorporated
Device Configurations
147
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com