Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 143 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 143 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 139Page - Texas Instruments AM3871 Datasheet HTML 140Page - Texas Instruments AM3871 Datasheet HTML 141Page - Texas Instruments AM3871 Datasheet HTML 142Page - Texas Instruments AM3871 Datasheet HTML 143Page - Texas Instruments AM3871 Datasheet HTML 144Page - Texas Instruments AM3871 Datasheet HTML 145Page - Texas Instruments AM3871 Datasheet HTML 146Page - Texas Instruments AM3871 Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
4.2.2
NAND Flash Boot
Table 4-3 lists the device pins that are configured by the ROM for the NAND Flash boot mode.
NOTE: Table 4-3 lists the configuration of the GPMC_CLK pin (pin mux and pull state) in NAND
bootmodes.
The NAND flash memory is not XIP and requires shadowing before the code can be executed.
Table 4-3. Pins Used in NAND FLASH Bootmode
OTHER
SIGNAL NAME
PIN NO.
TYPE
CONDITIONS
GPMC_CS[0]/*
T28
O
GPMC_ADV_ALE/*
M26
O
BTMODE[12] = 0b
GPMC_OE_RE
T27
O
(8-bit Mode)
BTMODE[12] = 1b
GPMC_BE[0]_CLE/GPMC_A[25]/*
U27
O
(16-bit Mode)
GPMC_BE[1]/GPMC_A[24]/*
V28
O
GPMC_WE
U28
O
BTMODE[14:13] =
GPMC_WAIT[0]/GPMC_A[26]/*(1)
W28
I
00b (GPMC CS0
not muxed)
GPMC_CLK/*
R26
O
Y25,V24,U23,U24,
BTMODE[15] = 0b
AA27,Y26,AB28,Y2
(wait disabled)
GPMC_D[15:0]/*
7,
I/O
V25,U25,AA28,V26
,W27,V27,Y28,U26
(1)
GPMC_CLK/* is not configured in BTMODE[10] = 1 [OPTION B]
4.2.3
NAND I2C Boot (I2C EEPROM)
Table 4-4 lists the device pins that are configured by the ROM for the NAND I2C boot mode.
Table 4-4. Pins Used in NAND I2C Bootmode
SIGNAL NAME
PIN NO.
TYPE
I2C[0]_SCL
AC4
I/O
I2C[0]_SDA
AB6
I/O
4.2.4
MMC/SD Cards Boot
Table 4-5 lists the device pins that are configured by the ROM for the MMC/SD boot mode.
Table 4-5. Pins Used in MMC/SD Bootmode
SIGNAL NAME
PIN NO.
TYPE
SD1_CLK
P3
O
SD1_CMD/GP0[0] [MUX0]
P2
O
SD1_DAT[0]
P1
I/O
SD1_DAT[1]_SDIRQ
P5
I/O
SD_DAT[2]_SDRW
P4
I/O
SD1_DAT[3]
P6
I/O
Copyright
© 2011, Texas Instruments Incorporated
Device Configurations
143
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com