Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 153 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 153 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 149Page - Texas Instruments AM3871 Datasheet HTML 150Page - Texas Instruments AM3871 Datasheet HTML 151Page - Texas Instruments AM3871 Datasheet HTML 152Page - Texas Instruments AM3871 Datasheet HTML 153Page - Texas Instruments AM3871 Datasheet HTML 154Page - Texas Instruments AM3871 Datasheet HTML 155Page - Texas Instruments AM3871 Datasheet HTML 156Page - Texas Instruments AM3871 Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 4-11. PINCNTLx Registers MUXMODE Functions (continued)
HEX
MUXMODE[7:0] SETTINGS
(1)
REGISTER
PIN
ADDRESS
NAME
NO.
0x1
0x2
0x4
0x8
0x10
0x20
0x40
0x80
0x4814 0B44
PINCNTL210
AF25
VOUT[1]_B_CB_C[5]
EMAC[1]_MRXD[1]
VIN[1]A_D[2]
GP3[2]
UART4_TXD
(M2)
0x4814 0B48
PINCNTL211
AD25
VOUT[1]_B_CB_C[6]
EMAC[1]_MRXD[2]
VIN[1]A_D[3]
GP3[3]
UART3_RXD
(M1)
0x48140B4C
PINCNTL212
AC25
VOUT[1]_B_CB_C[7]
EMAC[1]_MRXD[3]
VIN[1]A_D[4]
GP3[4]
UART3_TXD
(M1)
0x4814 0B50
PINCNTL213
AH26
VOUT[1]_B_CB_C[8]
EMAC[1]_MRXD[4]
VIN[1]A_D[5]
GP3[5]
I2C[3]_SCL
(M3)
0x4814 0B54
PINCNTL214
AA24
VOUT[1]_B_CB_C[9]
EMAC[1]_MRXD[5]
VIN[1]A_D[6]
GP3[6]
I2C[3]_SDA
(M3)
0x4814 0B58
PINCNTL215
Y23
VOUT[1]_G_Y_YC[3]
EMAC[1]_MRXD[6]
VIN[1]A_D[8]
GP3[7]
0x4814 0B5C
PINCNTL216
W22
VOUT[1]_G_Y_YC[4]
EMAC[1]_MRXD[7]
VIN[1]A_D[9]
GP3[8]
0x4814 0B60
PINCNTL217
AG26
VOUT[1]_G_Y_YC[5]
EMAC[1]_MRXDV
VIN[1]A_D[10]
GP3[9]
0x4814 0B64
PINCNTL218
AH27
VOUT[1]_G_Y_YC[6]
EMAC[1]_GMTCLK
VIN[1]A_D[11]
GP3[10]
0x4814 0B68
PINCNTL219
AF26
VOUT[1]_G_Y_YC[7]
EMAC[1]_MTXD[0]
VIN[1]A_D[12]
GP3[11]
0x4814 0B6C
PINCNTL220
AE26
VOUT[1]_G_Y_YC[8]
EMAC[1]_MTXD[1]
VIN[1]A_D[13]
GP3[12]
0x4814 0B70
PINCNTL221
AD26
VOUT[1]_G_Y_YC[9]
EMAC[1]_MTXD[2]
VIN[1]A_D[14]
GP3[13]
0x4814 0B74
PINCNTL222
AG27
VOUT[1]_R_CR[4]
EMAC[1]_MTXD[3]
VIN[1]A_D[15]
SPI[3]_SCS[1]
GP3[14]
0x4814 0B78
PINCNTL223
AC26
VOUT[1]_R_CR[5]
EMAC[1]_MTXD[4]
VIN[1]A_D[16]
GP3[15]
SPI[3]_SCLK
(M1)
0x4814 0B7C
PINCNTL224
AA25
VOUT[1]_R_CR[6]
EMAC[1]_MTXD[5]
VIN[1]A_D[17]
GP3[16]
SPI[3]_D[1]
(M1)
0x4814 0B80
PINCNTL225
V22
VOUT[1]_R_CR[7]
EMAC[1]_MTXD[6]
VIN[1]A_D[18]
GP3[17]
SPI[3]_D[0]
(M1)
0x4814 0B84
PINCNTL226
W23
VOUT[1]_R_CR[8]
EMAC[1]_MTXD[7]
VIN[1]A_D[19]
GP3[18]
UART5_RXD
(M2)
0x4814 0B88
PINCNTL227
Y24
VOUT[1]_R_CR[9]
EMAC[1]_MTXEN
VIN[1]A_D[20]
GP3[19]
UART5_TXD
(M2)
0x4814 0B8C
PINCNTL228
AF27
VOUT[1]_G_Y_YC[2]
VIN[1]A_D[21]
SPI[2]_SCS[2]
GP3[20]
GPMC_A[13]
(M1)
HDMI_SCL
(M1)
I2C[2]_SCL
(M2)
0x4814 0B90
PINCNTL229
AG28
VOUT[1]_R_CR[3]
VIN[1]A_D[22]
GP3[21]
GPMC_A[14]
(M1)
HDMI_SDA
(M1)
SPI[2]_SCLK
(M1)
I2C[2]_SDA
(M2)
0x4814 0B94
PINCNTL230
AE27
VOUT[1]_R_CR[2]
VIN[1]A_D[23]
GP3[22]
GPMC_A[15]
(M1)
HDMI_HPDET
(M1)
SPI[2]_D[1]
(M1)
0x4814 0B98
PINCNTL231
AF28
VOUT[1]_B_CB_C[2]
VIN[1]A_D[7]
GPMC_A[0]
(M1)
HDMI_CEC
(M1)
SPI[2]_D[0]
(M1)
GP3[30]
(M0)
0x4814 0B9C
PINCNTL232
J27
EMAC_RMREFCLK
TIM2_IO
(M3)
GP1[10]
(M0)
0x4814 0BA0
PINCNTL233
H28
MDCLK
GP1[11]
(M0)
0x4814 0BA4
PINCNTL234
P24
MDIO
GP1[12]
(M0)
0x4814 0BA8
PINCNTL235
L24
EMAC[0]_MTCLK/
VIN[1]B_D[0]
SPI[3]_SCS[3]
GP3[23]
I2C[2]_SDA
(M3)
EMAC[0]_RGRXC
(2)
0x4814 0BAC
PINCNTL236
L23
EMAC[0]_MCOL/
VIN[1]B_D[1]
EMAC[0]_RMRXD[0]
GP3[24]
EMAC[0]_RGRXCTL
(2)
0x4814 0BB0
PINCNTL237
R25
EMAC[0]_MCRS/
VIN[1]B_D[2]
EMAC[0]_RMRXD[1]
GP3[25]
EMAC[0]_RGRXD[2]
(2)
0x4814 0BB4
PINCNTL238
J26
EMAC[0]_MRXER/
VIN[1]B_D[3]
EMAC[0]_RMRXER
GP3[26]
EMAC[0]_RGTXCTL
(2)
0x4814 0BB8
PINCNTL239
H27
EMAC[0]_MRCLK/
VIN[1]B_D[4]
EMAC[0]_RMCRSDV
SPI[3]_SCS[2]
GP3[27]
EMAC[0]_RGTXC
(2)
(2)
Within this MUXMODE setting, EMAC[x] GMII or RGMII pin functions are selected via the RGMII0_EN and/or RGMII1_EN bits (8 and 9, respectively) in the GMII_SEL register
[0x4814_0650] of the Control Module.
"0" = GMII (default) and "1" = RGMII.
Copyright
© 2011, Texas Instruments Incorporated
Device Configurations
153
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com