Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 154 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 154 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 150Page - Texas Instruments AM3871 Datasheet HTML 151Page - Texas Instruments AM3871 Datasheet HTML 152Page - Texas Instruments AM3871 Datasheet HTML 153Page - Texas Instruments AM3871 Datasheet HTML 154Page - Texas Instruments AM3871 Datasheet HTML 155Page - Texas Instruments AM3871 Datasheet HTML 156Page - Texas Instruments AM3871 Datasheet HTML 157Page - Texas Instruments AM3871 Datasheet HTML 158Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
Table 4-11. PINCNTLx Registers MUXMODE Functions (continued)
HEX
MUXMODE[7:0] SETTINGS
(1)
REGISTER
PIN
ADDRESS
NAME
NO.
0x1
0x2
0x4
0x8
0x10
0x20
0x40
0x80
0x4814 0BBC
PINCNTL240
G28
EMAC[0]_MRXD[0]/
VIN[1]B_D[5]
EMAC[0]_RMTXD[0]
GP3[28]
EMAC[0]_RGTXD[0]
(2)
0x4814 0BC0
PINCNTL241
P23
EMAC[0]_MRXD[1]/
VIN[1]B_D[6]
EMAC[0]_RMTXD[1]
GP3[29]
EMAC[0]_RGRXD[0]
(2)
0x4814 0BC4
PINCNTL242
R23
EMAC[0]_MRXD[2]/
VIN[1]B_D[7]
EMAC[0]_RMTXEN
GP3[30]
(M0)
EMAC[0]_RGRXD[1]
(2)
0x4814 0BC8
PINCNTL243
J25
EMAC[0]_MRXD[3]/
GPMC_A[27]
(M1)
GPMC_A[26]
(M1)
GPMC_A[0]
(M0)
UART5_RXD
(M0)
EMAC[1]_RGRXCTL
(2)
0x4814 0BCC
PINCNTL244
T23
EMAC[0]_MRXD[4]/
GPMC_A[1]
(M0)
UART5_TXD
(M0)
EMAC[0]_RGRXD[3]
(2)
0x4814 0BD0
PINCNTL245
H26
EMAC[0]_MRXD[5]/
GPMC_A[2]
(M0)
UART5_CTS
(M0)
EMAC[0]_RGTXD[3]
(2)
0x4814 0BD4
PINCNTL246
F28
EMAC[0]_MRXD[6]/
GPMC_A[3]
(M0)
UART5_RTS
(M0)
EMAC[0]_RGTXD[2]
(2)
0x4814 0BD8
PINCNTL247
G27
EMAC[0]_MRXD[7]/
SPI[2]_SCS[3]
GPMC_A[4]
(M0)
EMAC[1]_RGTXD[1]
(2)
0x4814 0BDC
PINCNTL248
K22
EMAC[0]_MRXDV/
GPMC_A[5]
(M0)
SPI[2]_SCLK
(M2)
EMAC[1]_RGRXD[1]
(2)
0x4814 0BE0
PINCNTL249
K23
EMAC[0]_GMTCLK/
GPMC_A[6]
(M0)
SPI[2]_D[1]
(M2)
EMAC[1]_RGRXC
(2)
0x4814 0BE4
PINCNTL250
J24
EMAC[0]_MTXD[0]/
GPMC_A[7]
(M0)
SPI[2]_D[0]
(M2)
EMAC[1]_RGRXD[3]
(2)
0x4814 0BE8
PINCNTL251
H25
EMAC[0]_MTXD[1]/
GPMC_A[8]
(M0)
UART4_RXD
(M1)
EMAC[1]_RGTXD[1]
(3)
0x4814 0BEC
PINCNTL252
H22
EMAC[0]_MTXD[2]/
EMAC[1]_RMRXD[0]
(M0)
GPMC_A[9]
(M0)
UART4_TXD
(M1)
EMAC[1]_RGTXCTL
(3)
0x4814 0BF0
PINCNTL253
H23
EMAC[0]_MTXD[3]/
EMAC[1]_RMRXD[1]
(M0)
GPMC_A[10]
(M0)
UART4_CTS
(M1)
EMAC[1]_RGTXD[0]
(3)
0x4814 0BF4
PINCNTL254
G23
EMAC[0]_MTXD[4]/
EMAC[1]_RMRXER
GPMC_A[11]
(M0)
UART4_RTS
(M1)
EMAC[1]_RGTXD[2]
(3)
0x4814 0BF8
PINCNTL255
F27
EMAC[0]_MTXD[5]/
EMAC[1]_RMCRSDV
(M0)
GPMC_A[12]
(M0)
UART1_RXD
(M1)
EMAC[1]_RGTXC
(3)
0x4814 0BFC
PINCNTL256
J22
EMAC[0]_MTXD[6]/
EMAC[1]_RMTXD[0]
(M0)
GPMC_A[13]
(M0)
UART1_TXD
(M1)
EMAC[1]_RGRXD[0]
(3)
0x4814 0C00
PINCNTL257
H24
EMAC[0]_MTXD[7]/
UART1_CTS
EMAC[1]_RMTXD[1]
(M0)
GPMC_A[14]
(M0)
EMAC[1]_RGTXD[3]
(3)
0x4814 0C04
PINCNTL258
J23
EMAC[0]_MTXEN/
UART1_RTS
EMAC[1]_RMTXEN
(M0)
GPMC_A[15]
(M0)
EMAC[1]_RGRXD[2]
(3)
0x4814 0C08
PINCNTL259
J7
CLKIN32
CLKOUT0
GP3[31]
TIM3_IO
(M3)
0x4814 0C0C
PINCNTL260
J5
RESET
0x4814 0C10
PINCNTL261
H7
NMI
0x4814 0C14
PINCNTL262
K6
RSTOUT_WD_OUT
0x4814 0C18
PINCNTL263
AC4
I2C[0]_SCL
0x4814 0C1C
PINCNTL264
AB6
I2C[0]_SDA
(3)
Within this MUXMODE setting, EMAC[x] GMII or RGMII pin functions are selected via the RGMII0_EN and/or RGMII1_EN bits (8 and 9, respectively) in the GMII_SEL register
[0x4814_0650] of the Control Module.
"0" = GMII (default) and "1" = RGMII.
154
Device Configurations
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com