Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 163 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 163 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 159Page - Texas Instruments AM3871 Datasheet HTML 160Page - Texas Instruments AM3871 Datasheet HTML 161Page - Texas Instruments AM3871 Datasheet HTML 162Page - Texas Instruments AM3871 Datasheet HTML 163Page - Texas Instruments AM3871 Datasheet HTML 164Page - Texas Instruments AM3871 Datasheet HTML 165Page - Texas Instruments AM3871 Datasheet HTML 166Page - Texas Instruments AM3871 Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
6
Device Operating Conditions
6.1
Absolute Maximum Ratings
(1) (2)
Core (CVDD, CVDD_ARM)
-0.3 V to 1.5 V
I/O, 1.8 V (DVDD_M, DVDD_DDR[0], DVDD_DDR[1], VDDA_1P8,
-0.3 V to 2.1 V
VDDA_ARMPLL_1P8, VDDA_VID0PLL_1P8, VDDA_VID1PLL_1P8,
VDDA_AUDIOPLL_1P8, VDDA_DDRPLL_1P8, VDDA_L3PLL_1P8,
Supply voltage ranges (Steady
VDDA_PCIE_1P8, VDDA_SATA_1P8, VDDA_HDMI_1P8,
State):
VDDA_USB0_1P8, VDDA_USB1_1P8, VDDA_VDAC_1P8)
I/O 3.3 V (DVDD, DVDD_GPMC, DVDD_GPMCB, DVDD_SD, DVDD_C)
-0.3 V to 4.0 V
DDR Reference Voltage (VREFSSTL_DDR[0], VREFSSTL_DDR[1])
-0.3 V to 1.1 V
V I/O, 1.5-V pins (Steady State)
-0.3 V to DVDD_DDR[x] +
0.3 V
V I/O, 1.5-V pins (Transient Overshoot/Undershoot)
30% of DVDD_DDR[x] for up
to 30% of the signal period
V I/O, 1.8-V pins (Steady State)
-0.3 V to DVDD + 0.3 V
-0.3 V to DVDD_x + 0.3 V
Input and Output voltage ranges:
V I/O, 1.8-V pins (Transient Overshoot/Undershoot)
30% of DVDDx for up to
30% of the signal period
V I/O, 3.3-V pins (Steady State)
-0.3 V to DVDD + 0.3 V
-0.3 V to DVDD_x + 0.3 V
V I/O, 3.3-V pins (Transient Overshoot/Undershoot)
30% of DVDDx for up to
30% of the signal period
Commercial Temperature
0
°C to 90°C
Operating junction temperature
Industrial
-40
°C to 90°C
range, TJ:
Extended
-40
°C to 105°C
Storage temperature range, Tstg:
-55
°C to 150°C
ESD-HBM (Human Body Model)(3)
±2000 V
Electrostatic Discharge (ESD)
ESD-CDM (Charged-Device Model)(4)
±500 V
Performance:
ESD-CDM (Charged-Device Model)
±750 V
Corner Balls (A1, A28, AH1, AH28)(4)
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to their associated VSS or VSSA_x.
(3)
Based on JEDEC JESD22-A114E [Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model (HBM)].
(4)
Based on JEDEC JESD22-C101C (Field-Induced Charged-Device Model Test Method for Electrostatic-Discharge-Withstand Thresholds
of Microelectronic Components).
Copyright
© 2011, Texas Instruments Incorporated
Device Operating Conditions
163
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com