Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 165 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 165 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 161Page - Texas Instruments AM3871 Datasheet HTML 162Page - Texas Instruments AM3871 Datasheet HTML 163Page - Texas Instruments AM3871 Datasheet HTML 164Page - Texas Instruments AM3871 Datasheet HTML 165Page - Texas Instruments AM3871 Datasheet HTML 166Page - Texas Instruments AM3871 Datasheet HTML 167Page - Texas Instruments AM3871 Datasheet HTML 168Page - Texas Instruments AM3871 Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Recommended Operating Conditions (continued)
PARAMETER
MIN
NOM
MAX
UNIT
High-level input voltage, LVCMOS (JTAG[TCK] pins), 3.3 V(1)
2
V
High-level input voltage, JTAG[TCK]
2.15
V
VIH
High-level input voltage, I2C (I2C[0] and I2C[1])
0.7DVDD
V
High-level input voltage, LVCMOS(1), 1.8 V
0.65DVDDx
V
Low-level input voltage, LVCMOS(1), 3.3 V
0.8
V
Low-level input voltage, JTAG[TCK]
0.55
V
VIL
Low-level input voltage, I2C (I2C[0] and I2C[1])
0.3DVDDx
V
Low-level input voltage, LVCMOS(1), 1.8 V
0.35DVDDx
V
High-level output current
6 mA I/O buffers
-6
mA
IOH
DDR[0], DDR[1] buffers @
-8
mA
50-
Ω impedance setting
Low-level output current
6 mA I/O buffers
6
mA
IOL
DDR[0], DDR[1] buffers @
8
mA
50-
Ω impedance setting
VID
Differential input voltage (SERDES_CLKN/P), [AC coupled]
0.250
2.0
V
Transition time, 10% - 90%, All inputs (unless otherwise
tt
specified in the Electrical Data/Timing sections of each
0.25P or 10(3)
ns
peripheral)
Commercial Temperature
0
90
°C
(default)
Operating junction
TJ
temperature range(4)
Industrial
-40
90
°C
Extended
-40
105
°C
(3)
Whichever is smaller. P = the period of the applied signal. Maintaining transition times as fast as possible is recommended to improve
noise immunity on input signals.
(4)
For more detailed information on estimating junction temps within systems, see the IC Package Thermal Metrics Application Report
(Literature Number: SPRA953).
Copyright
© 2011, Texas Instruments Incorporated
Device Operating Conditions
165
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com