Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 164 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 164 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 160Page - Texas Instruments AM3871 Datasheet HTML 161Page - Texas Instruments AM3871 Datasheet HTML 162Page - Texas Instruments AM3871 Datasheet HTML 163Page - Texas Instruments AM3871 Datasheet HTML 164Page - Texas Instruments AM3871 Datasheet HTML 165Page - Texas Instruments AM3871 Datasheet HTML 166Page - Texas Instruments AM3871 Datasheet HTML 167Page - Texas Instruments AM3871 Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
6.2
Recommended Operating Conditions
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, Core
166% OPP
TBD
TBD
TBD
(Scalable)
120% OPP
1.14
1.20
1.26
DVFS only, No AVS
100% OPP
1.05
1.10
1.16
50% OPP
0.90
0.95
1.00
CVDD
Deep Sleep
0.79
0.83
0.87
V
Supply voltage, Core
166% OPP
TBD
TBD
TBD
(Scalable)
120% OPP
TBD
TBD
TBD
With SmartReflex
100% OPP
TBD
TBD
TBD
50% OPP
TBD
TBD
TBD
Supply voltage, Core ARM
166% OPP
TBD
TBD
TBD
(Scalable)
120% OPP
1.14
1.20
1.26
DVFS only, No AVS
100% OPP
1.05
1.10
1.16
50% OPP
0.90
0.95
1.00
CVDD_ARM
Deep Sleep
0.79
0.83
0.87
V
Supply voltage, Core, ARM
166% OPP
TBD
TBD
TBD
(Scalable)
120% OPP
TBD
TBD
TBD
With SmartReflex
100% OPP
TBD
TBD
TBD
50% OPP
TBD
TBD
TBD
Supply voltage, I/O, standard
3.3 V
3.14
3.3
3.47
DVDD
V
pins(1)
1.8 V
1.71
1.8
1.89
Supply voltage, I/O, GPMC
3.3 V
3.14
3.3
3.47
DVDD_GPMC
V
pin group
1.8 V
1.71
1.8
1.89
Supply voltage, I/O, GPMCB
3.3 V
3.14
3.3
3.47
DVDD_GPMCB
V
pin group
1.8 V
1.71
1.8
1.89
Supply voltage, I/O, SD pin
3.3 V
3.14
3.3
3.47
DVDD_SD
V
group
1.8 V
1.71
1.8
1.89
Supply voltage, I/O, C pin
3.3 V
3.14
3.3
3.47
DVDD_C
V
group
1.8 V
1.71
1.8
1.89
Supply voltage, I/O, M pin
1.8 V
DVDD_M
1.71
1.8
1.89
V
group
Supply voltage, I/O, DDR[0]
LPDDR and DDR2
1.71
1.8
1.89
DVDD_DDR[0]
V
and DDR[1]
DVDD_DDR[1]
DDR3 mode
1.43
1.5
1.58
VDDA_USB_3P Supply voltage, I/O, Analog, USB 3.3 V
3.14
3.3
3.47
V
3
Supply Voltage, I/O, Analog, (VDDA_1P8,
VDDA_ARMPLL_1P8, VDDA_VID0PLL_1P8,
VDDA_VID1PLL_1P8, VDDA_AUDIOPLL_1P8,
VDDA_1P8
VDDA_DDRPLL_1P8, VDDA_L3PLL_1P8, VDDA_PCIE_1P8,
1.71
1.8
1.89
V
VDDA_x_1P8
VDDA_SATA_1P8, VDDA_HDMI_1P8, VDDA_USB0_1P8,
VDDA_USB1_1P8, VDDA_VDAC_1P8)
Note: HDMI, USB0/1, and VDAC relative to their respective
VSSA.
Supply Ground (VSS, VSSA_HDMI, VSSA_USB,
VSS
0
V
VSSA_VDAC, VSSA_DEVOSC(2), VSSA_AUXOSC(2))
IO Reference Voltage, (VREFSSTL_DDR[0],
0.49 *
0.50 *
0.51 *
VREFSSTL_DDR[x]
VREFSSTL_DDR[1])
DVDD_DDR[
V
DVDD_DDR[x]
DVDD_DDR[x]
x]
USBx_VBUSIN
USBx VBUS Comparator Input
4.75
5
5.25
V
(1)
LVCMOS pins are all I/O pins powered by DVDD, DVDD_GPMC, DVDD_GPMCB, DVDD_SD, DVDD_C supplies except for I2C[0] and
I2C[1] pins.
(2)
When using the internal Oscillators, the oscillator grounds (VSSA_DEVOSC, VSSA_AUXOSC) must be kept separate from other
grounds and connected directly to the crystal load capacitor ground.
164
Device Operating Conditions
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com