Electronic Components Datasheet Search
  English  ▼

X  

MCP3903 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 19Page - Microchip Technology MCP3903 Datasheet HTML 20Page - Microchip Technology MCP3903 Datasheet HTML 21Page - Microchip Technology MCP3903 Datasheet HTML 22Page - Microchip Technology MCP3903 Datasheet HTML 23Page - Microchip Technology MCP3903 Datasheet HTML 24Page - Microchip Technology MCP3903 Datasheet HTML 25Page - Microchip Technology MCP3903 Datasheet HTML 26Page - Microchip Technology MCP3903 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
© 2011 Microchip Technology Inc.
DS25048B-page 23
MCP3903
5.0
DEVICE OVERVIEW
5.1
Analog Inputs (CHn+/-)
The MCP3903 analog inputs can be connected directly
to current and voltage transducers (such as shunts,
current transformers, or Rogowski coils). Each input
pin is protected by specialized ESD structures that are
certified to pass 5 kV HBM and 500V MM contact
charge. These structures allow bipolar ±6V continuous
voltage with respect to AGND, to be present at their
inputs without the risk of permanent damage.
All channels have fully differential voltage inputs for
better noise performance. The absolute voltage at each
pin relative to AGND should be maintained in the ±1V
range during operation in order to ensure the specified
ADC accuracy. The Common-Mode signals should be
adapted to respect both the previous conditions and
the differential input voltage range. For best
performance, the Common-Mode signals should be
maintained to AGND.
5.2
Programmable Gain Amplifiers
(PGA)
The six Programmable Gain Amplifiers (PGAs) reside
at the front-end of each Delta-Sigma ADC. They have
two functions: translate the common-mode of the input
from AGND to an internal level between AGND and
AVDD, and amplify the input differential signal. The
translation of the common mode does not change the
differential signal but recenters the common-mode so
that the input signal can be properly amplified.
The PGA block can be used to amplify very low signals,
but the differential input range of the delta-sigma
modulator must not be exceeded. The PGA is
controlled by the PGA_CHn<2:0> bits in the GAIN
register. The following table represents the gain
settings for the PGA:
5.3
Delta-Sigma Modulator
5.3.1
ARCHITECTURE
All ADCs are identical in the MCP3903 and they
include a second-order modulator with a multi-bit DAC
architecture (see Figure 5-1). The quantizer is a flash
ADC composed of 4 comparators with equally spaced
thresholds and a thermometer output coding. The
proprietary 5-level architecture ensures minimum
quantization noise at the outputs of the modulators
without disturbing linearity or inducing additional
distortion. The sampling frequency is DMCLK (typically
1 MHz with MCLK=4 MHz) so the modulator outputs
are refreshed at a DMCLK rate. The modulator outputs
are available in the MOD register.
Each modulator also includes a dithering algorithm that
can be enabled through the DITHER<5:0> bits in the
configuration register. This dithering process improves
THD and SFDR (for high OSR settings) while
increasing slightly the noise floor of the ADCs. For
power metering applications and applications that are
distortion-sensitive, it is recommended to keep
DITHER enabled for all ADCs. In the case of power
metering applications, THD and SFDR are critical
specifications to optimize SNR (noise floor). This is not
really problematic due to large averaging factor at the
output of the ADCs, therefore even for low OSR
settings, the dithering algorithm will show a positive
impact on the performance of the application.
Figure 5-1 represents a simplified block diagram of the
Delta-Sigma ADC present on MCP3903.
FIGURE 5-1:
Simplified Delta-Sigma ADC
Block Diagram.
TABLE 5-1:
PGA CONFIGURATION
SETTING
Gain
PGA_CHn<2:0>
Gain
(V/V)
Gain
(dB)
VIN Range
(V)
00
0
10
±0.5
00
1
26
±0.25
01
0
412
±0.125
01
1
8
18
±0.0625
10
0
16
24
±0.03125
10
1
32
30
±0.015625
Second-
Order
Integrator
Loop
Filter
Quantizer
DAC
Differential
Voltage Input
Output
Bitstream
5-level
Flash ADC
MCP3903 Sigma-Delta Modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com