Electronic Components Datasheet Search
  English  ▼

X  

MCP3903 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 6Page - Microchip Technology MCP3903 Datasheet HTML 7Page - Microchip Technology MCP3903 Datasheet HTML 8Page - Microchip Technology MCP3903 Datasheet HTML 9Page - Microchip Technology MCP3903 Datasheet HTML 10Page - Microchip Technology MCP3903 Datasheet HTML 11Page - Microchip Technology MCP3903 Datasheet HTML 12Page - Microchip Technology MCP3903 Datasheet HTML 13Page - Microchip Technology MCP3903 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
MCP3903
DS25048B-page 10
© 2011 Microchip Technology Inc.
Note:
Unless otherwise indicated, AVDD = 5.0V, DVDD = 3.3 V; TA = +25°C, MCLK = 4 MHz; PRESCALE = 1; OSR =
64; GAIN = 1; Dithering OFF; VIN = -0.5 dBFS @ 60 Hz.
.
FIGURE 2-7:
Spectral Response.
FIGURE 2-8:
Spurious Free Dynamic
Range vs Oversampling Ratio.
FIGURE 2-9:
Signal-to-Noise and
Distortion vs. Oversampling Ratio.
FIGURE 2-10:
Signal-to-Noise and
Distortion vs. Gain (Dithering OFF).
FIGURE 2-11:
Signal-to-Noise and
Distortion vs. Gain (Dithering ON).
FIGURE 2-12:
Total Harmonic Distortion
vs. Oversampling Ratio.
120
Dithering ON
80
100
120
Dithering ON
Dithering OFF
60
80
100
120
Dithering ON
Dithering OFF
40
60
80
100
120
Dithering ON
Dithering OFF
0
20
40
60
80
100
120
Dithering ON
Dithering OFF
0
20
40
60
80
100
120
32
64
128
256
Oversampling Ratio (OSR)
Dithering ON
Dithering OFF
0
20
40
60
80
100
120
32
64
128
256
Oversampling Ratio (OSR)
Dithering ON
Dithering OFF
120
80
100
120
Dithering OFF
Dithering ON
60
80
100
120
Dithering OFF
Dithering ON
40
60
80
100
120
Dithering OFF
Dithering ON
0
20
40
60
80
100
120
Dithering OFF
Dithering ON
0
20
40
60
80
100
120
32
64
128
256
Oversampling Ratio (OSR)
Dithering OFF
Dithering ON
0
20
40
60
80
100
120
32
64
128
256
Oversampling Ratio (OSR)
Dithering OFF
Dithering ON
95
100
85
90
95
100
OSR = 256
70
75
80
85
90
95
100
OSR = 256
OSR = 128
OSR = 64
60
65
70
75
80
85
90
95
100
OSR = 256
OSR = 128
OSR = 32
OSR = 64
50
55
60
65
70
75
80
85
90
95
100
OSR = 256
OSR = 128
OSR = 32
OSR = 64
50
55
60
65
70
75
80
85
90
95
100
1248
16
32
GAIN (V/V)
OSR = 256
OSR = 128
OSR = 32
OSR = 64
50
55
60
65
70
75
80
85
90
95
100
1248
16
32
GAIN (V/V)
OSR = 256
OSR = 128
OSR = 32
OSR = 64
95
100
85
90
95
100
OSR = 256
75
80
85
90
95
100
OSR = 256
OSR = 128
65
70
75
80
85
90
95
100
OSR = 256
OSR = 128
OSR = 64
55
60
65
70
75
80
85
90
95
100
OSR = 256
OSR = 128
OSR = 64
OSR = 32
50
55
60
65
70
75
80
85
90
95
100
1248
16
32
OSR = 256
OSR = 128
OSR = 64
OSR = 32
50
55
60
65
70
75
80
85
90
95
100
1248
16
32
GAIN (V/V)
OSR = 256
OSR = 128
OSR = 64
OSR = 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com