Electronic Components Datasheet Search
  English  ▼

X  

MCP3903 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 14Page - Microchip Technology MCP3903 Datasheet HTML 15Page - Microchip Technology MCP3903 Datasheet HTML 16Page - Microchip Technology MCP3903 Datasheet HTML 17Page - Microchip Technology MCP3903 Datasheet HTML 18Page - Microchip Technology MCP3903 Datasheet HTML 19Page - Microchip Technology MCP3903 Datasheet HTML 20Page - Microchip Technology MCP3903 Datasheet HTML 21Page - Microchip Technology MCP3903 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
MCP3903
DS25048B-page 18
© 2011 Microchip Technology Inc.
Since this is the output data rate, and since the
decimation filter is a SINC (or notch) filter, there is a
notch in the filter transfer function at each integer
multiple of this rate.
The following table describes the various combinations
of OSR and PRESCALE and their associated AMCLK,
DMCLK and DRCLK rates.
4.5
OSR - Oversampling Ratio
The ratio of the sampling frequency to the output data
rate is OSR = DMCLK/DRCLK. The default OSR is 64,
or with MCLK = 4 MHz, PRESCALE = 1, AMCLK = 4
MHz, fS = 1 MHz, fD = 15.625 ksps. The following bits
in the CONFIG1 register are used to change the
oversampling ratio (OSR).
4.6
Offset Error
This is the error induced by the ADC when the inputs
are shorted together (VIN = 0V). The specification
incorporates both PGA and ADC offset contributions.
This error varies with PGA and OSR settings. The
offset is different on each channel and varies from chip
to chip. This offset error can easily be calibrated out by
a MCU with a subtraction. The offset is specified in mV.
The offset on the MCP3903 has a low temperature
coefficient, see Section 2.0 “Typical Performance
Curves”
.
4.7
Gain Error
This is the error induced by the ADC on the slope of the
transfer function. It is the deviation expressed in %
compared to the ideal transfer function defined by
Equation 5-3. The specification incorporates both PGA
and ADC gain error contributions, but not the VREF
contribution (it is measured with an external VREF).This
error varies with PGA and OSR settings.
The gain error on the MCP3903 has a low temperature
coefficient. See the typical performance curves for
more information.
TABLE 4-2:
DEVICE DATA RATES IN FUNCTION OF MCLK, OSR, AND PRESCALE
PRE
<1:0>
OSR <1:0>
OSR
AMCLK
DMCLK
DRCLK
DRCLK
(ksps)
1
1
1
1
256
MCLK/8
MCLK/32
MCLK/8192
0.4882
1
1
1
0
128
MCLK/8
MCLK/32
MCLK/4096
0.976
1
1
0
1
64
MCLK/8
MCLK/32
MCLK/2048
1.95
1
1
0
0
32
MCLK/8
MCLK/32
MCLK/1024
3.9
1
0
1
1
256
MCLK/4
MCLK/16
MCLK/4096
0.976
1
0
1
0
128
MCLK/4
MCLK/16
MCLK/2048
1.95
1
0
0
1
64
MCLK/4
MCLK/16
MCLK/1024
3.9
1
0
0
0
32
MCLK/4
MCLK/16
MCLK/512
7.8125
0
1
1
1
256
MCLK/2
MCLK/8
MCLK/2048
1.95
0
1
1
0
128
MCLK/2
MCLK/8
MCLK/1024
3.9
0
1
0
1
64
MCLK/2
MCLK/8
MCLK/512
7.8125
0
1
0
0
32
MCLK/2
MCLK/8
MCLK/256
15.625
0
0
1
1
256
MCLK
MCLK/4
MCLK/1024
3.9
0
0
1
0
128
MCLK
MCLK/4
MCLK/512
7.8125
00
0
1
64
MCLK
MCLK/4
MCLK/256
15.625
0
0
0
0
32
MCLK
MCLK/4
MCLK/128
31.25
Note:
For OSR = 32 and 64, DITHER = 0. For OSR = 128 and 256, DITHER = 1.
TABLE 4-3:
MCP3903 OVERSAMPLING
RATIO SETTINGS
CONFIG
OVER SAMPLING RATIO
(OSR)
OSR<1:0>
00
32
01
64 (DEFAULT)
10
128
11
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com