Electronic Components Datasheet Search
  English  ▼

X  

MCP3903 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 38Page - Microchip Technology MCP3903 Datasheet HTML 39Page - Microchip Technology MCP3903 Datasheet HTML 40Page - Microchip Technology MCP3903 Datasheet HTML 41Page - Microchip Technology MCP3903 Datasheet HTML 42Page - Microchip Technology MCP3903 Datasheet HTML 43Page - Microchip Technology MCP3903 Datasheet HTML 44Page - Microchip Technology MCP3903 Datasheet HTML 45Page - Microchip Technology MCP3903 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
MCP3903
DS25048B-page 42
© 2011 Microchip Technology Inc.
7.5
STATUS/COM Register - Status
and Communication Register
7.5.1
DATA READY LATENCY - DR_LTY
This bit determines if the data ready pulses correspond
to settled data or unsettled data from each SINC3 filter.
Unsettled data will provide data ready pulses every
DRCLK period. Settled data will wait for 3 DRCLK
periods before giving data ready pulses and will then
give data ready pulses every DRCLK period.
7.5.2
DATA READY HIGH Z MODE -
DR_HIZ
Using this bit, the user can connect multiple chips with
the same data ready pin with a pull up resistor
(DR_HIZ=0) or a single chip with no external compo-
nent (DR_HIZ=1)
7.5.3
DATA READY MODE - DRN_MODE
These bits control which ADC data ready is present on
the data ready pin. When the bits are set to 00, the
output of the two ADCs are latched synchronously at
the moment of the data ready event. This prevents bad
synchronization between the two ADCs. The output is
also latched at the beginning of a reading, in order not
to be updated during a read, and not to give erroneous
data.
If one of the channels is in reset or shutdown, only one
of the data ready pulses is present and the situation is
similar to DRn_MODE<1:0> = 01 or 10. In the 01,10
and 11 modes, the data is latched at the beginning of a
reading, in order to prevent the case of erroneous data
when a data ready pulse happens when reading.
7.5.4
DATA READY STATUS FLAG -
DRSTATUS_CHN
These bits indicate the data ready status of each chan-
nel. These flags are set to logic high after being the
STATUS/COM register has been read. These bits are
cleared when a data ready event has happened on its
respective ADC. Writing these bits has no effect.
TABLE 7-7:
STATUS/COM Register
Name
Bits
Address
Cof
STATUS/COM
24
0x09
R/W
Note:
These bits are useful if multiple devices
share
the
same
DRn
output
pin
(DR_HIZ=0) in order to understand which
device the data ready event occured from.
In case the DRn_MODE=00 (Linked
ADCs), these data ready status bits will be
updated synchronously upon the same
event (lagging ADC is ready). These bits
are also useful in systems where the DRn
pins are not used to save MCU I/O.
REGISTER 7-5:
STATUS/COM REGISTER
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
READ1
READ0
WMODE
WIDTH_CH5
WIDTH_CH4
WIDTH_CH3
WIDTH_CH2
WIDTH_CH1
bit 23
bit 16
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
WIDTH_CH0
DR_LTY
DR_HIZ
DR_LINK
DRC_MODE1
DRC_MODE0
DRB_MODE1
DRB_MODE0
bit 15
bit 8
R/W-0
R/W-0
R-1
R-1
R-1
R-1
R-1
R-1
DRA_MODE1
DRA_MODE0 DRSTATUS_CH5 DRSTATUS_CH4 DRSTATUS_CH3 DRSTATUS_CH2 DRSTATUS_CH1 DRSTATUS_CH0
bit 7
bit 0
bit 23:22
READ[1:0]:
Address Loop Setting
11
= Address counter incremented, cycle through entire register map
10
= Address counter loops on register TYPES (DEFAULT)
01
= Address counter loops on register GROUPS
00
= Address not incremented, continually read single register
bit 21
WMODE:
Write Mode Bit (internal use only)
1
= Static addressing Write Mode
0
= Incremental addressing Write Mode (DEFAULT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com