Electronic Components Datasheet Search
  English  ▼

X  

MCP3903 Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 22Page - Microchip Technology MCP3903 Datasheet HTML 23Page - Microchip Technology MCP3903 Datasheet HTML 24Page - Microchip Technology MCP3903 Datasheet HTML 25Page - Microchip Technology MCP3903 Datasheet HTML 26Page - Microchip Technology MCP3903 Datasheet HTML 27Page - Microchip Technology MCP3903 Datasheet HTML 28Page - Microchip Technology MCP3903 Datasheet HTML 29Page - Microchip Technology MCP3903 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
MCP3903
DS25048B-page 26
© 2011 Microchip Technology Inc.
5.5
ADC OUTPUT CODING
The second order modulator, SINC3 filter, PGA, VREF
and analog input structure all work together to produce
the device transfer function for the analog to digital con-
version, shown in Equation 5-3.
The channel data is either a 16-bit or 24-bit word,
presented in 23-bit or 15-bit plus sign, two’s
complement format and is MSB (left) justified.
The ADC data is two or three bytes wide depending on
the WIDTH bit of the associated channel. The 16-bit
mode includes a round to the closest 16-bit word
(instead of truncation) in order to improve the accuracy
of the ADC data.
In case of positive saturation (CHn+ - CHn- > VREF/3),
the output is locked to 7FFFFF for 24 bit mode (7FFF
for 16 bit mode). In case of negative saturation (CHn+
- CHn- <-VREF/3), the output code is locked to 800000
for 24-bit mode (8000 for 16 bit mode).
Equation 5-3 is only true for DC inputs. For AC inputs,
this transfer function needs to be multiplied by the
transfer function of the SINC3 filter (see Equation 5-1
and Equation 5-2).
EQUATION 5-3:
5.5.1
ADC RESOLUTION AS A FUNCTION
OF OSR
The ADC resolution is a function of the OSR
(Section 5.4 “SINC3 Filter”). The resolution is the
same for both channels. No matter what the resolution
is, the ADC output data is always presented in 24-bit
words, with added zeros at the end if the OSR is not
large enough to produce 24-bit resolution (left
justification).
DATA_CHn
CH
n+
CH
n-
–
()
V
REF+
V
REF-
–
-------------------------------------
⎝⎠
⎛⎞
8,388,608
G
3
×
×
×
=
DATA_CHn
CH
n+
CH
n-
–
()
V
REF+
V
REF-
–
-------------------------------------
⎝⎠
⎛⎞
32 768
,G
3
×
×
×
=
(For 24-bit Mode Or WIDTH_CHn = 1)
(For 16-bit Mode Or WIDTH_CHn = 0)
TABLE 5-3:
OSR = 256 OUTPUT CODE EXAMPLES
ADC Output Code (MSB First)
Hexadecimal
Decimal
0111
1111
1111
1111
111 1
1111
0x7FFFFF
+ 8,388,607
0111
1111
1111
1111
111 1
1110
0x7FFFFE
+ 8,388,606
0000
0000
0000
0000
000 0
0000
0x000000
0
1111
1111
1111
1111
111 1
1111
0xFFFFFF
-1
1000
0000
0000
0000
000 0
0001
0x800001
- 8,388,607
1000
0000
0000
0000
000 0
0000
0x800000
- 8,388,608
TABLE 5-4:
OSR = 128 OUTPUT CODE EXAMPLES
ADC Output Code (MSB First)
Hexadecimal
Decimal
23-bit Resolution
0111
1 111
1111
1 111
1111
111 0
0x7FFFFE
+ 4,194,303
0111
1 111
1111
1 110
1111
110 0
0x7FFFFC
+ 4,194,302
0000
0 000
0000
0 000
0000
000 0
0x000000
0
1111
1 111
1111
1 111
1111
111 0
0xFFFFFE
-1
1000
0 000
0000
0 000
0000
001 0
0x800002
- 4,194,303
1000
0 000
0000
0 000
0000
000 0
0x800000
- 4,194,304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com