Electronic Components Datasheet Search
  English  ▼

X  

MCP3903 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 20Page - Microchip Technology MCP3903 Datasheet HTML 21Page - Microchip Technology MCP3903 Datasheet HTML 22Page - Microchip Technology MCP3903 Datasheet HTML 23Page - Microchip Technology MCP3903 Datasheet HTML 24Page - Microchip Technology MCP3903 Datasheet HTML 25Page - Microchip Technology MCP3903 Datasheet HTML 26Page - Microchip Technology MCP3903 Datasheet HTML 27Page - Microchip Technology MCP3903 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
MCP3903
DS25048B-page 24
© 2011 Microchip Technology Inc.
5.3.2
MODULATOR INPUT RANGE AND
SATURATION POINT
For a specified voltage reference value of 2.4V, the
modulator specified differential input range is ±500 mV.
The input range is proportional to VREF and scales
according to the VREF voltage. This range ensures the
stability of the modulator over amplitude and frequency.
Outside of this range, the modulator is still functional,
however its stability is no longer guaranteed and
therefore it is not recommended to exceed this limit.
The saturation point for the modulator is VREF/3 since
the transfer function of the ADC includes a gain of 3 by
default (independent from the PGA setting. See
Section 5.5 “ADC OUTPUT CODING”
).
5.3.3
BOOST MODE
The
Delta-Sigma
modulators
also
include
an
independent BOOST mode for each channel. If the
corresponding BOOST<1:0> bit is enabled, the power
consumption of the modulator is multiplied by 2 and its
bandwidth is increased to be able to sustain AMCLK
clock frequencies up to 8.192 MHz while keeping the
ADC accuracy. When disabled, the power consumption
returns back to normal and the AMCLK clock
frequencies can only reach up to 5 MHz without
affecting ADC accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com