Electronic Components Datasheet Search
  English  ▼

X  

MCP3903 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 39Page - Microchip Technology MCP3903 Datasheet HTML 40Page - Microchip Technology MCP3903 Datasheet HTML 41Page - Microchip Technology MCP3903 Datasheet HTML 42Page - Microchip Technology MCP3903 Datasheet HTML 43Page - Microchip Technology MCP3903 Datasheet HTML 44Page - Microchip Technology MCP3903 Datasheet HTML 45Page - Microchip Technology MCP3903 Datasheet HTML 46Page - Microchip Technology MCP3903 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
© 2011 Microchip Technology Inc.
DS25048B-page 43
MCP3903
bit 20:15
WIDTH_CHn
ADC Channels output data word width control
1
= 24-bit mode for the corresponding channel
0
= 16-bit mode for the corresponding channel (default)
bit 14
DR_LTY:
Data Ready Latency Control for DRA, DRB, and DRC pins
1
= True “No Latency” Conversion, data ready pulses after 3 DRCLK periods (DEFAULT)
0
= Unsettled Data is available after every DRCLK period
bit 13
DR_HIZ:
Data Ready Pin Inactive State Control for DRA, DRB, and DRC pins
1
= The Default state is a logic high when data is NOT ready
0
= The Default state is high impedance when data is NOT ready (DEFAULT)
bit 12
DR_LINK
Data Ready Link Control
1
= Data Ready Link turned ON, all channels linked and data ready pulses from the most lagging ADC
are present on each DRn pin
0
= Data Ready Link tunred OFF (DEFAULT)
bit 11:10
DRC_MODE[1:0]
11
= Both Data Ready pulses from CH4 and CH5 are output on DRC pin.
10
= Data Ready pulses from CH5 are output on DRC pin. Data Ready pulses R from CH4 are not pres-
ent on the pin.
01
= Data Ready pulses from CH4 are output on DRC pin. Data Ready pulses from CH5 are not present
on the pin.
00
= Data Ready pulses from the lagging ADC channel between the two are output on DRC pin. The
lagging ADC channel depends on the phase register and on the OSR. (DEFAULT)
bit 9:8
DRB_MODE[1:0]
11
= Both Data Ready pulses from CH2 and CH3 are output on DRB pin.
10
= Data Ready pulses from CH3 are output on DRB pin. Data Ready pulses from CH2 are not present
on the pin.
01
= Data Ready pulses from CH2 are output on DRB pin. Data Ready pulses from CH3 are not present
on the pin.
00
= Data Ready pulses from the lagging ADC channel between the two are output on DRB pin. The
lagging ADC channel depends on the phase register and on the OSR. (DEFAULT)
bit 7:6
DRA_MODE[1:0]
11
= Both Data Ready pulses from CH0 and CH1 are output on DRA pin.
10
= Data Ready pulses from CH1 are output on DRA pin. Data Ready pulses from CH0 are not present
on the pin.
01
= Data Ready pulses from CH0 are output on DRA pin. Data Ready pulses from CH1 are not present
on the pin.
00
= Data Ready pulses from the lagging ADC channel between the two are output on DRA pin. The
lagging ADC channel depends on the phase register and on the OSR. (DEFAULT)
bit 5:0
DRSTATUS_CHn: Data Ready Status
1
= Data Not Ready (default)
0
= Data Ready
REGISTER 7-5:
STATUS/COM REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com