Electronic Components Datasheet Search
  English  ▼

X  

MCP3903 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 24Page - Microchip Technology MCP3903 Datasheet HTML 25Page - Microchip Technology MCP3903 Datasheet HTML 26Page - Microchip Technology MCP3903 Datasheet HTML 27Page - Microchip Technology MCP3903 Datasheet HTML 28Page - Microchip Technology MCP3903 Datasheet HTML 29Page - Microchip Technology MCP3903 Datasheet HTML 30Page - Microchip Technology MCP3903 Datasheet HTML 31Page - Microchip Technology MCP3903 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
MCP3903
DS25048B-page 28
© 2011 Microchip Technology Inc.
5.7
Power-on Reset
The MCP3903 contains an internal POR circuit that
monitors analog supply voltage AVDD during operation.
The typical threshold for a power-up event detection is
4.2V ±5%. The POR circuit has a built-in hysteresis for
improved transient spikes immunity that has a typical
value of 200 mV. Proper decoupling capacitors (0.1 µF
ceramic and 10 µF tantalum) should be mounted as
close as possible to the AVDD pin, providing additional
transient immunity.
Figure 5-3 illustrates the different conditions at
power-up and a power-down event, in typical
conditions. All internal DC biases are not settled until at
least 50 µs after system POR. Any data ready pulses
during this time after system reset should be ignored.
After POR, data ready pulses are present at the pin
with all the default conditions in the configuration regis-
ters.
Both AVDD and DVDD power supplies are independent.
Since AVDD is the only power supply that is monitored,
it is highly recommended to power up DVDD first as a
power-up sequence. If AVDD is powered up first, it is
highly recommended to keep the RESET pin low during
the whole power-up sequence.
FIGURE 5-3:
Power-on Reset Operation.
5.8
RESET Effect On Delta Sigma
Modulator/SINC Filter
When the RESET pin is low, both ADCs will be in Reset
and output code 0x0000h. The RESET pin performs a
hard reset (DC biases still on, part ready to convert)
and clears all charges contained in the sigma delta
modulators. The comparator outputs are 0011 for each
ADC.
The SINC filters are all reset, as well as their double
output buffers. This pin is independent of the serial
interface. It brings the CONFIG registers to the default
state. When RESET is low, any write with the SPI
interface will be disabled and will have no effect. All
output pins (SDO, DR, MDAT0/1) are high impedance,
and no clock is propagated through the chip.
5.9
Phase Delay Block
The MCP3903 incorporates a phase delay generator
which ensures that the six ADCs are converting the
inputs with a fixed delay between them. The six ADCs
are synchronously sampling but the averaging of
modulator outputs is delayed so that the SINC filter
outputs (thus the ADC outputs) show a fixed phase
delay, as determined by the PHASE register setting.
The phase register is composed of three bytes:
PHASEC<7:0>, PHASEB<7:0>, PHASEA<7:0>. Each
byte is a 7 bit + sign MSB first, two's complement code
that represents the amount of delay between each pair
of ADCs. The PHASEC byte represents the delay
between Channel 4 and channel 5 (pair C). The
PHASEB byte represents the delay between Channel 2
and channel 3 (pair B). The PHASEA byte represents
the delay between Channel 0 and channel 1 (pair A).
The reference channel is the odd channel (channel 1/
3/5). When PHASEn<7:0> is positive, Channel 0/2/4 is
lagging versus channel 1/3/5 otherwise it is leading.
The amount of delay between two ADC conversions is
given by the following formula:
EQUATION 5-5:
The timing resolution of the phase delay is 1/DMCLK or
1 µs in the default configuration with MCLK = 4 MHz.
The data ready signals are affected by the phase delay
settings. Typically, the time difference between the data
ready pulses of channel 0 and channel 1 is equal to the
phase delay setting.
AVDD
5V
4.2V
4V
0V
DEVICE
MODE
RESET
PROPER
OPERATION
RESET
Time
50 µs
tPOR
Note:
A detailed explanation of the Data Ready
pins (DRn) with phase delay is present in
Section 6.10
“Data
Ready
Pulses
(DRn)”
.
Delay
Phase Register Code
DMCLK
--------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com