Electronic Components Datasheet Search
  English  ▼

X  

MCP3903 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 25Page - Microchip Technology MCP3903 Datasheet HTML 26Page - Microchip Technology MCP3903 Datasheet HTML 27Page - Microchip Technology MCP3903 Datasheet HTML 28Page - Microchip Technology MCP3903 Datasheet HTML 29Page - Microchip Technology MCP3903 Datasheet HTML 30Page - Microchip Technology MCP3903 Datasheet HTML 31Page - Microchip Technology MCP3903 Datasheet HTML 32Page - Microchip Technology MCP3903 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
© 2011 Microchip Technology Inc.
DS25048B-page 29
MCP3903
5.9.1
PHASE DELAY LIMITS
The Phase delay can only go from -OSR/2 to +OSR/2 - 1.
This sets the fine phase resolution. The phase register is
coded with 2's complement.
If larger delays between the two channels from the
same pair are needed, they can be implemented exter-
nally to the chip with an MCU. A FIFO in the MCU can
save incoming data from the leading channel for a
number N of DRCLK clocks. In this case, DRCLK
would represent the coarse timing resolution, and
DMCLK the fine timing resolution. The total delay will
then be equal to:
Delay = N/DRCLK + PHASE/DMCLK
The Phase Delay register can be programmed once
with the OSR=256 setting and will adjust to the OSR
automatically afterward without the need to change the
value of the PHASE register.
• OSR=256: the delay can go from -128 to +127.
PHASEn<7> is the sign bit. PHASEn<6> is the
MSB and PHASEn<0> the LSB.
• OSR=128: the delay can go from -64 to +63.
PHASEn<6> is the sign bit. PHASEn<5> is the
MSB and PHASEn<0> the LSB.
• OSR=64: the delay can go from -32 to +31.
PHASEn<5> is the sign bit. PHASEn<4> is the
MSB and PHASEn<0> the LSB.
• OSR=32: the delay can go from -16 to +15.
PHASEn<4> is the sign bit. PHASEn<3> is the
MSB and PHASEn<0> the LSB.
5.10
Crystal Oscillator
The MCP3903 includes a Pierce-type crystal oscillator
with very high stability and ensures very low tempco
and jitter for the clock generation. This oscillator can
handle up to 16.384 MHz crystal frequencies, provided
that proper load capacitances and quartz quality factor
are used.
For keeping specified ADC accuracy, AMCLK should
be kept between 1 and 5 MHz with BOOST off or 1 and
8.192 MHz with BOOST on. Larger MCLK frequencies
can be used, provided the prescaler clock settings
allow the AMCLK to respect these ranges.
For a proper start-up, the load capacitors of the crystal
should be connected between OSC1 and DGND and
between OSC2 and DGND. They should also respect
the following equation:
EQUATION 5-6:
When CLKEXT=1, the crystal oscillator is bypassed by
a digital buffer to allow direct clock input for an external
clock.
TABLE 5-7:
PHASE VALUES WITH
MCLK = 4 MHZ, OSR = 256
Phase Register
Value
Hex
Delay
(CH0/2/4 relative
to CH1/3/5)
011 11111
0x7F
+ 127 µs
011 11110
0x7E
+ 126 µs
000 00001
0x01
+ 1 µs
000 00000
0x00
0 µs
111 11111
0xFF
- 1 µs
100 00001
0x81
- 127 µs
100 00000
0x80
-128 µs
R
M
1.6
10
6
×
1
f
CLOAD
×
-----------------------------
⎝⎠
⎛⎞
×
2
<
Where:
f
=
crystal frequency in MHz
CLOAD
=
load capacitance in pF including
parasitics from the PCB
RM
=
motional resistance in ohms of
the quartz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com