Electronic Components Datasheet Search
  English  ▼

X  

MCP3903 Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 36Page - Microchip Technology MCP3903 Datasheet HTML 37Page - Microchip Technology MCP3903 Datasheet HTML 38Page - Microchip Technology MCP3903 Datasheet HTML 39Page - Microchip Technology MCP3903 Datasheet HTML 40Page - Microchip Technology MCP3903 Datasheet HTML 41Page - Microchip Technology MCP3903 Datasheet HTML 42Page - Microchip Technology MCP3903 Datasheet HTML 43Page - Microchip Technology MCP3903 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
MCP3903
DS25048B-page 40
© 2011 Microchip Technology Inc.
7.3
Phase Register
The phase register is composed of three bytes:
PHASEC<7:0>, PHASEB<7:0>, PHASEA<7:0>. Each
byte is a 7 bit + sign MSB first, two's complement code
that represents the amount of delay between each pair
of ADCs. The PHASEC byte represents the delay
between Channel 4 and Channel 5 (pair C). The
PHASEB byte represents the delay between Channel 2
and Channel 3 (pair B). The PHASEA byte represents
the delay between Channel 0 and Channel 1 (pair A).
The reference channel is the odd channel (Channel 1/
3/5). When PHASEn<7:0> is positive, Channel 0/2/4 is
lagging versus channel 1/3/5 otherwise it is leading.
The delay is calculated by the following formula:
Delay = PHASE Register Code / DMCLK.
TABLE 7-5:
PHASE REGISTER
Name
Bits
Address
Cof
PHASE
24
0x07
R/W
REGISTER 7-3:
PHASE REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PHASEC7
PHASEC6
PHASEC5
PHASEC4
PHASEC3
PHASEC2
PHASEC1
PHASEC0
bit 23
bit 16
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PHASEB7
PHASEB6
PHASEB5
PHASEB4
PHASEB3
PHASEB2
PHASEB1
PHASEB0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PHASEA7
PHASEA6
PHASEA5
PHASEA4
PHASEA3
PHASEA2
PHASEA1
PHASEA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23:16
PHASECn:
CH4 relative to CH5 phase delay
bit 15:8
PHASEBn:
CH2 relative to CH3 phase delay
bit 7:0
PHASEAn:
CH0 relative to CH1 phase delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com