Electronic Components Datasheet Search
  English  ▼

X  

MCP3903 Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 40Page - Microchip Technology MCP3903 Datasheet HTML 41Page - Microchip Technology MCP3903 Datasheet HTML 42Page - Microchip Technology MCP3903 Datasheet HTML 43Page - Microchip Technology MCP3903 Datasheet HTML 44Page - Microchip Technology MCP3903 Datasheet HTML 45Page - Microchip Technology MCP3903 Datasheet HTML 46Page - Microchip Technology MCP3903 Datasheet HTML 47Page - Microchip Technology MCP3903 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
MCP3903
DS25048B-page 44
© 2011 Microchip Technology Inc.
7.6
Config Register - Configuration
Register
TABLE 7-8:
CONFIG Register
Name
Bits
Address
Cof
CONFIG
24
0x0A
R/W
REGISTER 7-6:
CONFIG REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
RESET_CH5
RESET_CH4
RESET_CH3
RESET_CH2
RESET_CH1 RESET_CH0 SHUTDOWN_CH5
SHUTDOWN_CH4
bit 23
bit 16
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
SHUTDOWN_
CH3
SHUTDOWN_
CH2
SHUTDOWN_CH1 SHUTDOWN_CH0 DITHER_CH5 DITHER_CH4
DITHER_CH3
DITHER_CH2
bit 15
bit 8
R/W-1
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
DITHER_CH1
DITHER_CH0
OSR1
OSR0
PRESCALE1 PRESCALE0
EXTVREF
EXTCLK
bit 7
bit 0
bit 23:18
RESET_CHn:
Reset mode setting for ADCs
1
= Reset mode for the corresponding ADC channel ON
0
= Reset mode for the corresponding ADC chnnel OFF (default)
bit 17:12
SHUTDOWN_CHn:
Shutdown mode setting for ADCs
1
= Shutdown mode for the corresponding ADC channel ON
0
= Shutdown mode for the corresponding ADC channel OFF(default)
bit 11:6
DITHER_CHn:
Control for dithering circuit for idle tones cancellation
1
= Dithering circuit for the corresponding ADC channel ON (default)
0
= Dithering circuit for the corresponding ADC channel OFF
bit 5:4
OSR[1:0]
Oversampling Ratio for Delta Sigma A/D Conversion (ALL CHANNELS, f
d / fS)
11
= 256
10
= 128
01
= 64 (default)
00
= 32
bit 3:2
PRESCALE[1:0]
Internal Master Clock (AMCLK) Prescaler Value
11
= AMCLK = MCLK/ 8
10
= AMCLK = MCLK/ 4
01
= AMCLK = MCLK/ 2
00
= AMCLK = MCLK (DEFAULT)
bit 1
EXTVREF
Internal Voltage Reference Shutdown Control
1
= Internal Voltage Reference Disabled
0
= Internal Voltage Reference Enabled (default)
bit 0
EXTCLK
Clock Mode
1
= CLOCK Mode (Internal Oscillator Disabled - Lower Power)
0
= XT Mode - A crystal must be placed between OSC1/OSC2 (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com