Electronic Components Datasheet Search
  English  ▼

X  

MCP3903 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 32Page - Microchip Technology MCP3903 Datasheet HTML 33Page - Microchip Technology MCP3903 Datasheet HTML 34Page - Microchip Technology MCP3903 Datasheet HTML 35Page - Microchip Technology MCP3903 Datasheet HTML 36Page - Microchip Technology MCP3903 Datasheet HTML 37Page - Microchip Technology MCP3903 Datasheet HTML 38Page - Microchip Technology MCP3903 Datasheet HTML 39Page - Microchip Technology MCP3903 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
MCP3903
DS25048B-page 36
© 2011 Microchip Technology Inc.
6.11
DATA READY PULSE WITH
PHASE DELAY
To ensure that both channel ADC data from the same
pair are present at the same time for SPI read, regard-
less of phase delay settings for either or both channels,
there are two sets of latches in series with both the data
ready and the reading start triggers. The first latch is set
on whichever channel is the lagging channel (relative to
the other channel, in a single channel pair). The second
latch is set when an ADC output read command is
issued, ensuring synchronized data ready pulses.
FIGURE 6-9:
Internal Latches
Synchronizing Data Ready Pulses with Phase
Delay Present (Single Channel Pair Shown).
6.11.1
DATA READY LINK
When DRLINK=0, the three pairs of ADCs are
independent from each other. The data readys and the
latches for the output data only depend on both ADCs
in the pair. When another ADC (not in the pair) is put in
SHUTDOWN or RESET, it has no effect.
When DRLINK=1, all ADCs are linked together. The
DRn_MODE<1:0> are all set internally to 00. All
DRn_MODE<1:0> bits are not taken into account.
All six channel ADC data are latched synchronously
with the most lagging ADC channel of the six.
All three DRA, DRB and DRC data ready pins are
giving the same output that is synchronized with the
most lagging ADC of the six channels. Only one pin can
be connected to the MCU in this mode, which saves
two connection ports on the MCU.
In this mode, if any channel is in SHUTDOWN or
RESET mode, no data ready is present on any of the
DRA/DRB/DRC pins. The part acts as if there was only
one ADC channel with 6x24 bits.
Depending on the read modes, the ADC data can be
retrieved by pair (Read by GROUP) or all together
(Read by TYPE). Any time a new read command is per-
formed, the ADC outputs are re-latched. In order to
avoid loss of data or bad synchronization, the read
mode by TYPES is recommended (READ<1:0>=10) so
that all data can be latched once at the beginning of the
read. In the read mode by GROUP (READ<1:0>=01)
mode, the data will be relatched every time the part
accesses to each group or pair of ADCs.
CHn ADC
LATCH
SPI Serial
Interface
CHn ADC
LATCH
Synchronized
data ready pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com