Electronic Components Datasheet Search
  English  ▼

X  

MCP3903 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 29Page - Microchip Technology MCP3903 Datasheet HTML 30Page - Microchip Technology MCP3903 Datasheet HTML 31Page - Microchip Technology MCP3903 Datasheet HTML 32Page - Microchip Technology MCP3903 Datasheet HTML 33Page - Microchip Technology MCP3903 Datasheet HTML 34Page - Microchip Technology MCP3903 Datasheet HTML 35Page - Microchip Technology MCP3903 Datasheet HTML 36Page - Microchip Technology MCP3903 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
© 2011 Microchip Technology Inc.
DS25048B-page 33
MCP3903
6.7.1
CONTINUOUS READ
All ADCs are powered up with their default
configurations, and begin to output data ready pulses
immediately (RESET<5:0> and SHUTDOWN<5:0>
bits are off by default). The default output codes for
both ADCs are all zeros.The default modulator output
for both ADCs is 0011 (corresponding to a theoretical
zero voltage at the inputs). The default phase is zero
between the two channels. It is recommended to enter
into ADC reset mode for both ADCs just after power-up
because the desired MCP3903 register configuration
may not be the default one and in this case, the ADC
would output undesired data. Within the ADC reset
mode (RESET<5:0>=111111), the user can configure
the whole part with a single communication. The write
commands automatically increment the address so the
user can start writing the PHASE register and finish
with the CONFIG register in only one communication
(see Figure 6-6). The RESET<5:0> bits are in the
CONFIG register to allow it to exit soft reset mode and
have the whole part configured and ready to run in only
one command.
The following internal registers are defined as types:
6.8
Situations that Reset ADC Data
Immediately after the following actions, the ADCs are
reset and automatically restarted in order to provide
proper operations:
1:
Change in phase register
2:
Change in the OSR setting
3:
Change in the PRESCALER setting
4:
Overwrite of identical PHASE register
value
5:
Change in EXTCLK bit in the CONFIG
register modifying internal oscillator state.
After these temporary resets, the ADCs go back to
normal operation with no need for an additional
command. These are also the settings where the DR
position is affected. The phase register can be used to
soft reset the ADC without using the RESET bits in the
configuration register.
6.9
Line Cycle Sampling Options
Since the AMCLK range can go up to 5 MHz, the
MCP3903 is able to accommodate 256 output samples
per line cycles with line frequencies up to 76.2Hz at
OSR=64.
.
Figure 6-7 illustrates operating the part in this manner
(timings not to scale, functional description only).
All channels are continuously converting during normal
operation of the device except when it is in Sleep Mode
by using the RESET bit, or if RESET is low. The
following figure represents the clocking scheme and
how
the
CONFIG
PRESCALE<1:0>
bits
and
OSR<1:0> bits registers is used to modify the clock
prescale and oversampling ratio.
For example, if a data ready pulse occurs while ADC
data (a) is being transmitted on SPI, this data will not
be corrupt in any way. After CS is toggled low to begin
another transmission, the next data (b) would be
present in the output buffer ready for transmission.
TABLE 6-1:
REGISTER GROUPS
GROUP
ADDRESSES
Pair A, CHANNEL 0/1
0x00 - 0x01
Pair B, CHANNEL 2/3
0x02 - 0x03
Pair C, CHANNEL 4/5
0x04 - 0x05
MOD, PHASE, GAIN
0x06 - 0x08
STATUS, CONFIG
0x09 - 0x0A
TABLE 6-2:
REGISTER TYPES
TYPE
ADDRESSES
ADC DATA
0x00 - 0x05
CONTROL
0x06 - 0x0A
TABLE 6-1:
MCLK FREQUENCIES FOR
LINE SAMPLING
OUTPUT
SAMPLES
/ LINE
CYCLE
FLINE = 45 HZ
OSR = 64
FLINE = 65 HZ
OSR = 64
FD
MCLK
FD
MCLK
64
2.8 ksps
737.28 kHz
4.2 ksps
1.075 MHz
128
5.76 ksps
1.475 MHz
8.4 ksps
2.15 MHz
256
11.5 ksps
2.949 MHz
16.7 ksps
4.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com