Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699M Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA699M Datasheet HTML 6Page - Texas Instruments OPA699M Datasheet HTML 7Page - Texas Instruments OPA699M Datasheet HTML 8Page - Texas Instruments OPA699M Datasheet HTML 9Page - Texas Instruments OPA699M Datasheet HTML 10Page - Texas Instruments OPA699M Datasheet HTML 11Page - Texas Instruments OPA699M Datasheet HTML 12Page - Texas Instruments OPA699M Datasheet HTML 13Page - Texas Instruments OPA699M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
www.ti.com
Gain (V/V)
4
8
12
16
20
-55
-60
-65
-70
-75
-80
-85
-90
-95
V
O = 2VPP
R
L = 500Ω
f = 5MHz
3rd-Harmonic
2nd-Harmonic
G017
Gain (V/V)
-4
-8
-12
-16
-20
-55
-60
-65
-70
-75
-80
-85
-90
V
O = 2VPP
R
L = 500Ω
f = 5MHz
3rd-Harmonic
2nd-Harmonic
G018
± Limit Voltage (V)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7 1.8
1.9
2.0
-40
-50
-60
-70
-80
-90
3rd-Harmonic
2nd-Harmonic
V
O = 0VDC ± 1VP
f = 5MHz
R
L = 500Ω
G019
Frequency (MHz)
0
10
20
30
40
50
G = +6V/V
38
36
34
32
30
28
26
24
22
20
OPA699
750
Ω
150
Ω
500
Ω
P
O
V
H
Open
Open
V
L
P
I
G020
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS: V
S = ±5 V (continued)
T
A = 25°C, G = +6, RF = 750 Ω, and RL = 500 Ω, VH = –VL = 2 V, unless otherwise noted
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
NONINVERTING GAIN
INVERTING GAIN
Figure 17.
Figure 18.
HARMONIC DISTORTION NEAR
2-TONE, 3rd-ORDER
LIMITING VOLTAGES
INTERMODULATION INTERCEPT
Figure 19.
Figure 20.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com