Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699M Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA699M Datasheet HTML 19Page - Texas Instruments OPA699M Datasheet HTML 20Page - Texas Instruments OPA699M Datasheet HTML 21Page - Texas Instruments OPA699M Datasheet HTML 22Page - Texas Instruments OPA699M Datasheet HTML 23Page - Texas Instruments OPA699M Datasheet HTML 24Page - Texas Instruments OPA699M Datasheet HTML 25Page - Texas Instruments OPA699M Datasheet HTML 26Page - Texas Instruments OPA699M Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
www.ti.com
Time (5ns/div)
Output
Input
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
G048
HIGH-SPEED Schmitt TRIGGER
OPA699
R
2
402
Ω
R
1
200
Ω
R
3
200
Ω
V
REF
V
OUT
V
H
V
L
+2V
-2V
V
IN
S0044-02
V
HL,HH +
R1
ø R2 ø R3
R1
V
ref )
R1
ø R2 ø R3
R2
V
OUT
(5)
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
APPLICATION INFORMATION (continued)
Figure 55. 100-MHz Sinewave Rectified
Figure 56 shows a high-speed Schmitt Trigger. The output levels are precisely defined and the switching time is
exceptional. The output voltage swings between VH and VL.
Figure 56. High-Speed Schmitt Trigger
The circuit operates as follows. When the input voltage is less than VHL then the output is limiting at VH. When
the input is greater than VHH, then the output is limiting at VL, with VHL and VHH defined as in Equation 5.
Due to the inverting function realized by the Schmitt Trigger, VHL corresponds to VOUT = VH, and VHH corresponds
to VOUT = VL.
Figure 57 shows the Schmitt Trigger operating with VREF = +5 V. This gives us VHH = 2.4 V and VHL = 1.6 V. The
propagation delay for the OPA699 in a Schmitt Trigger configuration is 4 ns from high-to-low and 4 ns from
low-to-high.
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com