Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699M Datasheet(HTML) 3 Page - Texas Instruments

  OPA699M Datasheet HTML 1Page - Texas Instruments OPA699M Datasheet HTML 2Page - Texas Instruments OPA699M Datasheet HTML 3Page - Texas Instruments OPA699M Datasheet HTML 4Page - Texas Instruments OPA699M Datasheet HTML 5Page - Texas Instruments OPA699M Datasheet HTML 6Page - Texas Instruments OPA699M Datasheet HTML 7Page - Texas Instruments OPA699M Datasheet HTML 8Page - Texas Instruments OPA699M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
V
S = ±5 V, VICM = 0 V, RL = 500 Ω, limiter pins open (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE (see Figure 47)
VO < 0.5 Vp-p, G = +6
260
Small signal bandwidth
VO < 0.5 Vp-p, G = +12
86
MHz
VO < 0.5 Vp-p, G = –6
269
Gain bandwidth product (G
≥ +20)
VO < 0.5 Vp-p
1000
MHz
Gain peaking
VO = 0.5 V, G = +4
7.5
dB
Bandwidth for 0.1-dB gain flatness
VO = 0.5 V
30
MHz
Large signal bandwidth
VO = 2 Vp-p
290
MHz
Slew rate
VO = 2 V step
1400
V/µs
Rise and falll time
VO = 0.5 V step
1.6
ns
Settling time to 0.05%
VO = 2 V step
8
ns
Even
67
Spurious free dynamic range
VO = 2 Vp-p, f = 5 MHz
dB
Odd
87
Differential gain
RL = 500 Ω, NTSC, PAL
0.012%
Differential phase
RL = 500 Ω, NTSC, PAL
0.008
°
Input noise, voltage noise density
f
≥ 1 MHz
4.1
nV/
√Hz
Input noise, current noise density
f
≥ 1 MHz
2
pA/
√Hz
DC PERFORMANCE
TA = 25°C
54
62
Open-loop voltage gain (AVOL)
VO = ±0.5 V
dB
TA = Full range
47
TA = 25°C
±1.5
±8
Input offset voltage (VIO)
mV
TA = Full range
±12
TA = 25°C
3
±10
Input bias current (IIB)(2)
µA
TA = Full range
±18
TA = 25°C
±0.3
±3
Input offset current (IIO)
µA
TA = Full range
±4
INPUT
TA = 25°C
54
62
VICM = ±0.5 V,
Common-mode rejection ratio (CMRR)
dB
Input referred
TA = Full range
50
TA = 25°C
±3.2
±3.3
Common-mode input voltage range (VICR)(3)
V
TA = Full range
±3.1
0.32
M
Ω
Input impedance, differential mode
1
pF
3.5
M
Ω
Input impedance, common mode
1
pF
OUTPUT
TA = 25°C
±3.9
±4.1
VH = 4.3 V, VL = -4.3 V,
Output voltage range (VOH, VOL)
V
RL≥ 500 Ω
TA = Full range
±3.7
TA = 25°C
110
165
VH = 4.3 V, VL = -4.3 V,
Current output, sourcing (IOH)
mA
RL = 20 Ω
TA = Full range
100
TA = 25°C
–90
–130
VH = 4.3 V, VL = -4.3 V,
Current output, sinking (IOL)
mA
RL = 20 Ω
TA = Full range
–80
Closed-loop output impedance
G = +4, f < 100 kHz
0.8
Ω
(1)
All typical limits are at TA = 25°C unless otherwise specified.
(2)
Current is considered positive out of node.
(3)
CMIR tested as <3-dB degradation from minimum CMRR at specified limits.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com