Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699M Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA699M Datasheet HTML 21Page - Texas Instruments OPA699M Datasheet HTML 22Page - Texas Instruments OPA699M Datasheet HTML 23Page - Texas Instruments OPA699M Datasheet HTML 24Page - Texas Instruments OPA699M Datasheet HTML 25Page - Texas Instruments OPA699M Datasheet HTML 26Page - Texas Instruments OPA699M Datasheet HTML 27Page - Texas Instruments OPA699M Datasheet HTML 28Page - Texas Instruments OPA699M Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
www.ti.com
Limiter Headroom (V)
0
1.0
0.5
4.0
4.5
3.5
3.0
2.5
2.0
1.5
5.0
100
75
50
25
0
-25
-50
-75
-100
Maximum Over Temperature
Minimum Over Temperature
Limiter Headroom = +V
S - VH
= V
L - (-VS)
Current = I
VH or -IVL
G027
± Limit Voltage (V)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7 1.8
1.9
2.0
-40
-50
-60
-70
-80
-90
3rd-Harmonic
2nd-Harmonic
V
O = 0VDC ± 1VP
f = 5MHz
R
L = 500Ω
G019
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
Figure 58. Limit Bias Current vs Bias Voltage
When the limiter voltages are more than 2.1 V from the supplies (VL = –VS + 2.1 V or VH = +VS– 2.1 V), you can
use simple resistor dividers to set VH and VL (see Figure 47). Make sure to include the limiter input bias currents
(see Figure 54) in the calculations (that is, IVL = 50 µA into pin 5, and IVH = +50 µA out of pin 8). For good limiter
voltage accuracy, run a minimum 1-mA quiescent bias current through these resistors. When the limiter voltages
need to be within 2.1 V of the supplies (VL = –VS + 2.1 V or VH = +VS– 2.1 V), consider using low impedance
buffers to set VH and VL to minimize errors due to bias current uncertainty. This condition typically is the case for
single-supply operation (VS = +5 V). Figure 48 runs 2.5 mA through the resistive divider that sets VH and VL. This
limits errors due to IVH and IVL < ±1% of the target limit voltages. The limiters' dc accuracy depends on attention
to detail. The two dominant error sources can be improved as follows:
•
Power supplies, when used to drive resistive dividers that set VH and VL, can contribute large errors (for
example, ±5%). Using a more accurate source and bypassing pins 5 and 8 with good capacitors, improves
limiter PSRR.
•
The resistor tolerances in the resistive divider can also dominate. Use 1% resistors. Other error sources also
contribute, but should have little impact on the limiters' dc accuracy.
•
Reduce offsets caused by the limiter input bias currents. Select the resistors in the resistive divider(s) as
described above.
•
Consider the signal path dc errors as contributing to uncertainty in the useable output swing.
•
The limiter offset voltage only slightly degrades limiter accuracy. Figure 59 shows how the limiters affect
distortion performance. Virtually no degradation in linearity is observed for output voltage swinging right up to
the limiter voltages. In this plot a fixed ±1-V output swing is driven while the limiter voltages are reduced
symmetrically. Until the limiters are reduced to ±1.1 V, little distortion degradation is observed.
Figure 59. Harmonic Distortion Near Limit Voltages
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com