Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699M Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA699M Datasheet HTML 14Page - Texas Instruments OPA699M Datasheet HTML 15Page - Texas Instruments OPA699M Datasheet HTML 16Page - Texas Instruments OPA699M Datasheet HTML 17Page - Texas Instruments OPA699M Datasheet HTML 18Page - Texas Instruments OPA699M Datasheet HTML 19Page - Texas Instruments OPA699M Datasheet HTML 20Page - Texas Instruments OPA699M Datasheet HTML 21Page - Texas Instruments OPA699M Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
www.ti.com
OPA699
53.6
Ω
6
I
VH
V
H = 3.7V
V
O
V
L = 1.3V
V
IN
I
VL
1.5k
Ω
3
2
4
7
8
5
1.5k
Ω
523
Ω
976
Ω
523
Ω
R
G
150
Ω
R
F
750
Ω
500
Ω
0.1
µF
0.1
µF
0.1
µF
+
2.2
µF
0.1
µF
V
S = +5V
0.1
µF
0.1
µF
S0036-02
WIDEBAND INVERTING OPERATION
OPA699
-5V
V
I
-2V
+5V
+2V
R
M
68.1
Ω
R
F
750
Ω
R
G
187
Ω
500
Ω
0.1
µF
R
T
169
Ω
V
H
V
L
V
O
50
Ω Source
S0037-02
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
APPLICATION INFORMATION (continued)
and Figure 48, but will be assumed in the other figures. The limiter voltages (VH and VL) and the respective bias
currents (IVH and IVL) have the polarities shown. These limiter voltages are adequately bypassed with a 0.1-µF
ceramic capacitor to ground. Notice that the single-supply circuit can use three resistors to set VH and VL, where
the dual-supply circuit usually uses four to reference the limit voltages to ground. While this circuit shows +5-V
operation, the same circuit may be used for single supplies up to +12 V.
Figure 48. AC-Coupled, Single Supply Amplifier
Operating the OPA699 as an inverting amplifier has several benefits and is particularly useful when a matched
50-
Ω source and input impedance are required. Figure 49 shows the inverting gain of –4 V/V circuit used as the
basis of the inverting mode typical characteristics.
Figure 49. Inverting G = –4 Specifications and Test Circuit
In the inverting case, only the feedback resistor appears as part of the total output load in parallel with the actual
load. For a 500-
Ω load used in the typical characteristics, this gives a total load of 329 Ω in this inverting
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com