Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699M Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA699M Datasheet HTML 10Page - Texas Instruments OPA699M Datasheet HTML 11Page - Texas Instruments OPA699M Datasheet HTML 12Page - Texas Instruments OPA699M Datasheet HTML 13Page - Texas Instruments OPA699M Datasheet HTML 14Page - Texas Instruments OPA699M Datasheet HTML 15Page - Texas Instruments OPA699M Datasheet HTML 16Page - Texas Instruments OPA699M Datasheet HTML 17Page - Texas Instruments OPA699M Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
www.ti.com
Ambient Temperature (
°C)
-50
-25
+PSRR
-PSRR
CMRR
75
50
25
0
100
100
90
80
70
60
50
G033
Output Current (mA)
-400
-300
-200
-100
0
200
100
300
400
5
4
3
2
1
0
-1
-2
-3
-4
-5
1W Internal
Power Limit
1W Internal
Power Limit
R
L = 25Ω
V
H = -VL = 4.3V
R
L = 50Ω
R
L = 100Ω
G034
TYPICAL CHARACTERISTICS V
S = +5 V
9
6
3
0
-3
-6
-9
-12
-15
Frequency (Hz)
1M
10M
100M
1G
V
O = 0.5VPP
G = +12
See Figure 48
G = +20
G = +4
G = +6
G035
6
3
0
-3
-6
-9
-12
-15
Frequency (Hz)
1M
10M
100M
1G
V
O = 0.5VPP
G = -6
G = -12
G = -4
See Figure 49
G036
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS: V
S = ±5 V (continued)
T
A = 25°C, G = +6, RF = 750 Ω, and RL = 500 Ω, VH = –VL = 2 V, unless otherwise noted
CMRR AND PSRR(±)
OUTPUT VOLTAGE AND
vs
CURRENT LIMITATIONS
TEMPERATURE
Figure 33.
Figure 34.
T
A = 25°C, G = +6, RF = 750 Ω, and RL = 500 Ω to VCM = +2.5 V, VL = VCM– 1.2 V, VH = VCM + 1.2 V, unless otherwise noted
NONINVERTING SMALL-SIGNAL
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 35.
Figure 36.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com