Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699M Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA699M Datasheet HTML 12Page - Texas Instruments OPA699M Datasheet HTML 13Page - Texas Instruments OPA699M Datasheet HTML 14Page - Texas Instruments OPA699M Datasheet HTML 15Page - Texas Instruments OPA699M Datasheet HTML 16Page - Texas Instruments OPA699M Datasheet HTML 17Page - Texas Instruments OPA699M Datasheet HTML 18Page - Texas Instruments OPA699M Datasheet HTML 19Page - Texas Instruments OPA699M Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
www.ti.com
Output Voltage Swing (V
PP)
0.5
1.0
2.0
1.5
2.5
-60
-65
-70
-75
-80
-85
2nd-Harmonic
See Figure 48
3rd-Harmonic
R
L = 500Ω to VS/2
f = 5MHz
V
H = VCM + VOPP/2 + 0.5V
V
L = VCM + VOPP/2 + 0.5V
G043
Frequency (MHz)
0
10
40
30
20
50
38
36
34
32
30
28
26
24
22
20
OPA699
750
Ω
150
Ω
500
Ω
P
O
V
H
Open
Open
V
L
P
I
G044
Limit Voltages - 2.5V
0.9
1.0
1.1
1.6
1.7
1.4
1.5
1.2
1.3
1.8
-40
-45
-50
-55
-60
-65
-70
-75
-80
V
O = VCM ±1VP
f = 5MHz
R
L = 500Ω
3rd-Harmonic
2nd-Harmonic
G045
Limiter Headroom (V)
0
0.5
2.0
1.5
1.0
2.5
100
75
50
25
0
-25
-50
-75
-100
Maximum Over Temperature
Minimum
Over Temperature
Limiter Headroom = +V
S - VH
= V
L - (-VS)
Current = I
VH or -IVL
G046
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS V
S = +5 V (continued)
T
A = 25°C, G = +6, RF = 750 Ω, and RL = 500 Ω to VCM = +2.5 V, VL = VCM– 1.2 V, VH = VCM + 1.2 V, unless otherwise noted
HARMONIC DISTORTION
2-TONE, 3rd-ORDER
vs
INTERMODULATION INTERCEPT
OUTPUT VOLTAGE
Figure 43.
Figure 44.
HARMONIC DISTORTION
LIMITER INPUT BIAS CURRENT
NEAR LIMITING VOLTAGES
vs
BIAS VOLTAGE
Figure 45.
Figure 46.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com